Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9B0 Datasheet(PDF) 87 Page - SPANSION

Part # S71PL129JC0BAW9B0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B0 Datasheet(HTML) 87 Page - SPANSION

Back Button S71PL129JC0BAW9B0 Datasheet HTML 83Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 84Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 85Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 86Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 87Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 88Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 89Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 90Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 91Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 149 page
background image
Ocotober 16, 2004 pSRAM_Type06_14_A1
pSRAM Type 6
87
Advance
Informatio n
Provisions of Address Skew
Read
In case multiple invalid address cycles shorter than tRC min. sustain over 10 µs
in an active status, at least one valid address cycle over tRC min. is required dur-
ing 10µs.
Write
In case multiple invalid address cycles shorter than tWC min. sustain over 10 µs
in an active status, at least one valid address cycle over tWC min. is required dur-
ing 10 µs.
Notes:
1. Stresses greater than listed under "Absolute Maximum Ratings" section may cause permanent damage to the device.
2. All voltages are reference to GND.
3. IDDO depends on the cycle time.
4. IDDO depends on output loading. Specified values are defined with the output open condition.
5. AC measurements are assumed tR, tF = 5 ns.
6. Parameters tOD, tODO, tBD and tODW define the time at which the output goes the open condition and are not output voltage
reference levels.
7. Data cannot be retained at deep power-down stand-by mode.
8. If OE# is high during the write cycle, the outputs will remain at high impedance.
9. During the output state of I/O signals, input signals of reverse polarity must not be applied.
10. If CE1# or LB#/UB# goes LOW coincident with or after WE# goes LOW, the outputs will remain at high impedance.
11. If CE1# or LB#/UB# goes HIGH coincident with or before WE# goes HIGH, the outputs will remain at high impedance.
Figure 30. Read
Figure 31. Write
over 10
µs
tRCmin
CE1#
WE#
Address
tWPmin
tWCmin
CE1#
WE#
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com