Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9B2 Datasheet(PDF) 97 Page - SPANSION

Part # S71PL129JC0BAW9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B2 Datasheet(HTML) 97 Page - SPANSION

Back Button S71PL129JC0BAW9B2 Datasheet HTML 93Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 94Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 95Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 96Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 97Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 98Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 99Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 100Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 101Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 149 page
background image
August 30, 2004 pSRAM_Type01_12_A1
pSRAM Type 1
97
Advance
Informatio n
twc
Write cycle time
70
ns
tcw
Chipselect to end
of write
70
ns
tas
Address set up
Time
0ns
taw
Address valid to
end of write
70
ns
tbw
UB#, LB# valid
to end of write
70
ns
twp
Write pulse width
55
ns
twr
Write recovery
time
0ns
twhz
Write to output
High-Z
20
ns
tdw
Data to write
time overlap
25
ns
tdh
Data hold from
write time
0ns
tow
End write to
output Low-Z
5
tow
Write high pulse
width
7.5
ns
tpc
Page read cycle
x
tpa
Page address
access time
x
twpc
Page write cycle
x
tcp
Chip select high
pulse width
x
Asynchronous
Performance Grade
-70
Density
4Mb pSRAM
3 Volt
Symbol
Parameter
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com