Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9B2 Datasheet(PDF) 12 Page - SPANSION

Part # S71PL129JC0BAW9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B2 Datasheet(HTML) 12 Page - SPANSION

Back Button S71PL129JC0BAW9B2 Datasheet HTML 8Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 9Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 10Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 11Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 12Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 13Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 14Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 15Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
Publication Number S29PL129J_MCP_00
Revision A Amendment 0 Issue Date June 4, 2004
ADVANCE
INFORMATION
S29PL129J for MCP
128 Megabit (8 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Read/Write
Flash Memory with Enhanced VersatileIOTM Control
Distinctive Characteristics
Architectural Advantages
128 Mbit Page Mode devices
— Page size of 8 words: Fast page read access from
random locations within the page
Single power supply operation
— Full Voltage range: 2.7 to 3.6 volt read, erase, and
program operations for battery-powered applications
Dual Chip Enable inputs (only in PL129J)
— Two CE# inputs control selection of each half of the
memory space
Simultaneous Read/Write Operation
— Data can be continuously read from one bank while
executing erase/program functions in another bank
— Zero latency switching from write to read operations
FlexBank Architecture
— 4 separate banks, with up to two simultaneous
operations per device
— CE#1 controlled banks:
Bank 1A:
- 16Mbit (4Kw x 8 and 32Kw x 31)
Bank 1B:
- 48Mbit (32Kw x 96)
— CE#2 controlled banks:
Bank 2A:
- 48 Mbit (32Kw x 96)
Bank 2B:
- 16Mbit (4Kw x 8 and 32Kw x 31)
Enhanced VersatileI/OTM (VIO) Control
— Output voltage generated and input voltages
tolerated on all control inputs and I/Os is determined
by the voltage on the VIO pin
Secured Silicon Sector region
— Up to 128 words accessible through a command
sequence
— Up to 64 factory-locked words
— Up to 64 customer-lockable words
Both top and bottom boot blocks in one device
Manufactured on 110 nm process technology
Data Retention: 20 years typical
Cycling Endurance: 1 million cycles per sector
typical
Performance Characteristics
High Performance
— Page access times as fast as 20 ns
— Random access times as fast as 55 ns
Power consumption (typical values at 10 MHz)
— 45 mA active read current
— 17 mA program/erase current
— 0.2 µA typical standby mode current
Software Features
Software command-set compatible with JEDEC
42.4 standard
— Backward compatible with Am29F, Am29LV,
Am29DL, and AM29PDL families and MBM29QM/RM,
MBM29LV, MBM29DL, MBM29PDL families
CFI (Common Flash Interface) compliant
— Provides device-specific information to the system,
allowing host software to easily reconfigure for
different Flash devices
Erase Suspend / Erase Resume
— Suspends an erase operation to allow read or
program operations in other sectors of same bank
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
Hardware Features
Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or
erase cycle completion
Hardware reset pin (RESET#)
— Hardware method to reset the device to reading
array data
WP#/ ACC (Write Protect/Acceleration) input
—At VIL, hardware level protection for the first and
last two 4K word sectors.
—At VIH, allows removal of sector protection
—At VHH, provides accelerated programming in a
factory setting
Persistent Sector Protection
— A command sector protection method to lock
combinations of individual sectors and sector groups
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com