Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1925 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1925 Datasheet HTML 3Page - Maxim Integrated Products MAX1925 Datasheet HTML 4Page - Maxim Integrated Products MAX1925 Datasheet HTML 5Page - Maxim Integrated Products MAX1925 Datasheet HTML 6Page - Maxim Integrated Products MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products MAX1925 Datasheet HTML 10Page - Maxim Integrated Products MAX1925 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Switch-Mode 1-Cell Li+ Chargers
_______________________________________________________________________________________
7
FREQUENCY vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
3.5
3.0
50
100
150
200
250
300
350
400
450
500
0
2.5
4.0
VIN = 12V
VIN = 8V
VIN = 5V
TIMER vs. CT CAPACITANCE
CT CAPACITANCE (nF)
100
0.1
1
10
100
1000
0.01
10
1000
tFULLCHG
tPREQUAL2
tPREQUAL1
CHARGE CURRENT vs. TIME
TIME (h)
2.5
2.0
1.5
1.0
0.5
0.2
0.4
0.6
0.8
1.0
1.2
0
0
3.0
BATTERY VOLTAGE vs. TIME
TIME (h)
2.5
2.0
1.5
1.0
0.5
3.9
4.0
4.1
4.2
4.3
4.4
4.5
3.8
0
3.0
SWITCHING WAVEFORM
MAX1925/26 toc14
4
µs/div
1.2A
1A
0.8A
10V
0V
100mV/
div
INDUCTOR
CURRENT
VLX
VBATT
VIN = 5V
SWITCHING WAVEFORM
MAX1925/26 toc15
1
µs/div
1.2A
1.4A
1A
0.8A
10V
0V
100mV/
div
INDUCTOR
CURRENT
VLX
VBATT
VIN = 12V
CHARGE-ENABLE REPSONSE
MAX1925/26 toc16
EN
INDUCTOR
CURRENT
5V
0V
1A
0A
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VSUPPLY = 5V, VBATT = 4V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com