Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1925 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1925 Datasheet HTML 1Page - Maxim Integrated Products MAX1925 Datasheet HTML 2Page - Maxim Integrated Products MAX1925 Datasheet HTML 3Page - Maxim Integrated Products MAX1925 Datasheet HTML 4Page - Maxim Integrated Products MAX1925 Datasheet HTML 5Page - Maxim Integrated Products MAX1925 Datasheet HTML 6Page - Maxim Integrated Products MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Switch-Mode 1-Cell Li+ Chargers
_______________________________________________________________________________________
5
Note 1: When the AC adapter is unplugged or if the charger is shut down, BATT drain is less than 10µA.
Note 2: These specifications guarantee the thermistor interface detects a fault at the correct temperature (0°C to +5°C cold temper-
ature and 45°C to +50°C hot temperature) with Philips NTC Thermistor Series 640-6, 2322-640-63103, 10.0K at +25°C, ±5%
(or equivalent).
Note 3: A fault is generated if VTHRM lower than 1.4V during the cold test or higher than 1.4V during the hot test. Hot and cold tests
occur on alternate CT clock transitions.
Note 4: Specifications to -40°C are guaranteed by design and not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(VPGND = VGND = 0, VINP = VIN = VCHG = 5V, VBATT = VCS = VEN = 4V, THRM = 10k
Ω to GND, CCT = 100nF, TA = -40°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.) (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHG Output High Leakage
Current
V CHG = 12V
1
µA
ACON High Leakage
V ACON = 12V
1
µA
ACON Sink Current
V ACON = 0.4V
2
mA
THERMISTOR MONITOR
THRM Sense Current for Hot
Qualification
342
363
µA
THRM Sense Current for Cold
Qualification
47.3
50.3
µA
THRM Sense-Voltage Trip Point
(Note 3)
1.379
1.421
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com