Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1818A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD1818A
Description  LCD Segment / Common Driver with Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1818A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD1818A Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
SSD1818A
Rev 1.2
P 21/47 Mar 2004
Solomon Systech
Reset Circuit
This block includes Power On Reset (POR) circuitry and the hardware reset pin, RES . The POR and
Hardware reset performs the same reset function. Once RES receives a reset pulse, all internal circuitry
will start to initialize. Minimum pulse width the reset sequence is 5 - 10us. Status of the chip after reset is
given by:
Display is turned OFF
Default Display Mode: 104 x 64 + 1 Icon Line
Normal segment and display data column address mapping (Seg0 mapped to Row address 00h)
Read-modify-write mode is OFF
Power control register is set to 000b
Shift register data clear in serial interface
Bias ratio is set to default: 1/9
Static indicator is turned OFF
Display start line is set to GDDRAM column 0
Column address counter is set to 00h
Page address is set to 0
Normal scan direction of the COM outputs
Contrast control register is set to 20h
Test mode is turned OFF
Temperature Coefficient is set to TC0
Note: Please find more explanation in the Applications Note attached at the back of the specification.
Display Data Latch
This block is a series of latches carrying the display signal information. These latches hold the data,
which will be fed to the HV Buffer Cell and Level Selector to output the required voltage level.
64 MUX: 104 + 65 = 169
HV Buffer Cell (Level Shifter)
HV Buffer Cell works as a level shifter, which translates the low voltage output signal to the required
driving voltage. The output is shifted out with reference an internal FRM clock that comes from the
Display Timing Generator. The level selector, which is synchronized with the internal M signal, gives the
voltage levels.
Level Selector
Level Selector is a control of the display synchronization. Display voltage levels can be separated into two
sets and used with different cycles. Synchronization is important since it selects the required LCD voltage
level to the HV Buffer Cell, which in turn outputs the COM or SEG LCD waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com