Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1818A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1818A
Description  LCD Segment / Common Driver with Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1818A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1818A Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
SSD1818A
Rev 1.2
P 13/47 Mar 2004
Solomon Systech
SPI
This is the input pin to enable the circuitry for providing serial interface. This pin must be connected to low
at any circumstances. When the SPI pin and the P/ S , selection input are both pulled low, the serial
interface is enabled. When the SPI pin is pulled low and the P/ S selection input is pulled high, the
parallel interface is enabled.
NC/TEST0 – TEST2/T0 – T2
These are the No Connection pins. These pins should be left open individually.
Remarks: These pins should not be connected together.
ROW0 - ROW63
These pins provide the Common driving signals to the LCD panel. Please refer to the Table 3 on Page 11
for the COM signal mapping.
SEG0 - SEG103
These pins provide the LCD segment driving signals. The output voltage level of these pins is VDD during
sleep mode or standby mode.
ICONS
There are two ICONS pins (pin137 and 275) on the chip. Both pins output exactly the same signal. The
reason for duplicating these pins is to enhance the flexibility of the LCD layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com