Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXKC19N60C5 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXKC19N60C5
Description  Electrically isolated back surface 2500 V electrical isolation N-Channel Enhancement Mode Low RDSon, high VDSS MOSFET Ultra low gate charge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC19N60C5 Datasheet(HTML) 3 Page - IXYS Corporation

  IXKC19N60C5 Datasheet HTML 1Page - IXYS Corporation IXKC19N60C5 Datasheet HTML 2Page - IXYS Corporation IXKC19N60C5 Datasheet HTML 3Page - IXYS Corporation IXKC19N60C5 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2009 IXYS All rights reserved
3 - 4
20090209b
IXKC 19N60C5
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
ISOPLUS220TM Outline
2X b2
A2
2X b4
2X e
3X b
1
2
3
c
E
A
* Note 1
SYM
A2
b4
D1
b2
L1
E1
E
1. Bottom heatsink is electrically isolated from Pin 1, 2, or 3.
Product Outline TO-273 except D and D1 dimension.
2. This drawing will meet dimensional requirement of JEDEC SS
NOTE:
T
L
e
b
c
D
A
11.00
10.00
.433
.394
13.00
3.00
42.5
7.50
.118
.100
.512
.295
.138
.571
.335
BASIC
14.50
3.50
8.50
47.5
2.55 BASIC
2.50
4.00
2.35
12.00
15.00
.051
.035
.028
.472
.591
.093
.049
.039
.512
.630
.100
.065
INCHES
MIN
.098
.157
MAX
.118
.197
1.30
0.90
2.55
1.65
1.00
0.70
13.00
16.00
1.25
MILLIMETERS
MAX
MIN
3.00
5.00
Fig. 1 Power dissipation
Fig. 2 Typ. output characteristics
Fig. 3 Typ. output characteristics
0
40
80
120
160
0
20
40
60
80
100
120
140
T
C [°C]
4.5 V
5V
5.5 V
6V
7V
8V
10 V
20 V
0
15
30
45
60
75
90
105
120
05
10
15
20
V DS [V]
4.5 V
5V
5.5 V
6V
7V
8V
10 V
20 V
0
10
20
30
40
50
05
10
15
20
V DS [V]
TJ = 25°C
VGS =
VGS =
TJ = 125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com