Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXKC19N60C5 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXKC19N60C5
Description  Electrically isolated back surface 2500 V electrical isolation N-Channel Enhancement Mode Low RDSon, high VDSS MOSFET Ultra low gate charge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC19N60C5 Datasheet(HTML) 4 Page - IXYS Corporation

  IXKC19N60C5 Datasheet HTML 1Page - IXYS Corporation IXKC19N60C5 Datasheet HTML 2Page - IXYS Corporation IXKC19N60C5 Datasheet HTML 3Page - IXYS Corporation IXKC19N60C5 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2009 IXYS All rights reserved
4 - 4
20090209b
IXKC 19N60C5
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
0
10
-1
10
-2
t p [s]
540
580
620
660
700
-60
-20
20
60
100
140
180
T j [°C]
0
200
400
600
800
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
5
10
4
10
3
10
2
10
1
10
0
050
100
150
200
V DS [V]
120V
40 0V
0
1
2
3
4
5
6
7
8
9
10
0
102030
405060
Q gate [nC]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10
2
10
1
10
0
10
-1
00.5
11.5
2
V SD [V]
25 °C
150 °C
0
40
80
120
02
46
8
10
V GS [V]
typ
98 %
0
0.1
0.2
0.3
0.4
-60
-20
20
60
100
140
180
T j [°C]
5V
6V 6.5 V
7V
20 V
0
0.1
0.2
0.3
0.4
0.5
0
1020
3040
50
I D [A]
5.5 V
VDS =
TJV = 150°C
ID = 16 A
VGS = 10 V
VDS > 2·RDS(on) max · ID
TJ =
TJ =
VDS = 120 V
VGS = 0 V
f = 1 MHz
ID = 11 A
ID = 0.25 mA
D = tp/T
ID = 16 A pulsed
Fig. 5 Drain-source on-state resistance
Fig. 4 Typ. drain-source on-state resistance
Fig. 7 Forward characteristic
of reverse diode
Fig. 8
Typ. gate charge
Fig. 10 Avalanche energy
Fig. 11 Drain-source breakdown voltage
Fig. 6 Typ. transfer characteristics
Fig. 9 Typ. capacitances



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com