Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP120N04T2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP120N04T2
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP120N04T2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP120N04T2 Datasheet HTML 1Page - IXYS Corporation IXTP120N04T2 Datasheet HTML 2Page - IXYS Corporation IXTP120N04T2 Datasheet HTML 3Page - IXYS Corporation IXTP120N04T2 Datasheet HTML 4Page - IXYS Corporation IXTP120N04T2 Datasheet HTML 5Page - IXYS Corporation IXTP120N04T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
IXTA120N04T2
IXTP120N04T2
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
2
3
4
5
6
7
8
9
10
11
20
30
40
50
60
70
80
90
100
ID - Amperes
RG = 5Ω, VGS = 10V
VDS = 20V
TJ = 25
oC
TJ = 125
oC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
0
2
4
6
8
10
12
14
16
4
6
8
10
121416
1820
RG - Ohms
10
11
12
13
14
15
16
17
18
t r
td(on)
TJ = 125
oC, VGS = 10V
VDS = 20V
I D = 60A, 120A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
7
9
11
13
15
17
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
8
12
16
20
24
28
t f
td(off)
RG = 5Ω, VGS = 10V
VDS = 20V
ID = 60A
ID = 120A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
8
10
12
14
16
18
20
22
24
20
30
40
50
60
70
80
90
100
ID - Amperes
12
14
16
18
20
22
24
26
28
t f
td(off)
RG = 5Ω, VGS = 10V
VDS = 20V
TJ = 125
oC, 25oC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
1
2
3
4
5
6
7
8
9
10
11
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 5Ω, VGS = 10V
VDS = 20V
I D = 60A
I D = 120A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
0
10
20
30
40
50
60
70
80
90
4
6
8
1012
1416
1820
RG - Ohms
0
10
20
30
40
50
60
70
80
90
t f
td(off)
TJ = 125
oC, VGS = 10V
VDS = 20V
I D = 120A
I D = 60A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com