Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9119BBCZRL Datasheet(PDF) 55 Page - Analog Devices

Part # AD9119BBCZRL
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZRL Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9119BBCZRL Datasheet HTML 51Page - Analog Devices AD9119BBCZRL Datasheet HTML 52Page - Analog Devices AD9119BBCZRL Datasheet HTML 53Page - Analog Devices AD9119BBCZRL Datasheet HTML 54Page - Analog Devices AD9119BBCZRL Datasheet HTML 55Page - Analog Devices AD9119BBCZRL Datasheet HTML 56Page - Analog Devices AD9119BBCZRL Datasheet HTML 57Page - Analog Devices AD9119BBCZRL Datasheet HTML 58Page - Analog Devices AD9119BBCZRL Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Data Sheet
AD9119/AD9129
Rev. B | Page 55 of 66
DEVICE CONFIGURATION REGISTERS
DEVICE CONFIGURATION REGISTER MAP
The blank bits in Table 17 are reserved and should be programmed to their default values. A setting of 1 or 0 indicates the required
programming for the bit.
Table 17. Device Configuration Register Map
Register Name
Address
Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Hex
Dec
Mode
0x00
0
R/W
SDIO_DIR
LSB/MSB
SoftReset
0
0
SoftReset
LSB/MSB
SDIO_DIR
0x81
Power-Down
0x01
1
R/W
BG_PD
IREF_PD
BIAS_PD
1
CLKPATH_PD
Retimer_PD
DLL_PD
0x48
IRQ Enable 0
0x03
3
R/W
FIFO_Warn2
FIFO_Warn1
SPIFrmAck
DLL warn
DLL lock
Retimer lost
Retimer lock
0x00
IRQ Enable 1
0x04
4
R/W
AED pass
AED fail
SED fail
Parity err fall
Parity err rise
0x00
IRQ Request 0
0x05
5
R/W
FIFO_Warn2
FIFO_Warn1
SPIFrmAck
DLL warn
DLL lock
Retimer lost
Retimer lock
0x00
IRQ Request 1
0x06
6
R/W
AED pass
AED fail
SED fail
Parity err fall
Parity err rise
0x00
Frame Pin Usage 0x07
7
R/W
ParUsage
FrmUsage
FRM_x pin usage mode, Bits[1:0] 0x00
Reserved_0
0x08
8
R/W
Must maintain default (reset) value of 0x58
0x58
Data Ctrl 0
0x0A
10
R/W
DLL enable
Duty cycle
correction
enable
Phase offset, Bits[3:0]
0x40
Data Ctrl 1
0x0B
11
R/W
Warn clear
Lock delay
divider
Controller clock divider,
Bits[1:0]
Delay line middle set, Bits[3:0]
0x29
Data Ctrl 2
0x0C
12
R/W
DCO enable
Maximum delay set, Bits[2:0]
Minimum delay set, Bits[2:0]
0x23
Data Ctrl 3
0x0D
13
R/W
Duty correction BW, Bits[1:0]
0x04
Data Status 0
0x0E
14
R
DLL lock
DLL warn
DLL delay line
start warning
DLL delay line
end warning
DLL correct
phase
DCI on
DLL lock phase DLL running
N/A
FIFO Ctrl
0x11
17
R/W
SPIFrmReq
SPIFrmAck
Enable pin
framing
Phase report
enable
0x00
FIFO Offset
0x12
18
R/W
RdPtrOff, Bits[2:0]
WtPtrOff, Bits[2:0]
0x04
FIFO Ph0 Thrm
0x13
19
R
Phz0Thrm, Bits[6:0]
N/A
FIFO Ph1 Thrm
0x14
20
R
Phz1Thrm, Bits[6:0]
N/A
FIFO Ph2 Thrm
0x15
21
R
Phz2Thrm, Bits[6:0]
N/A
FIFO Ph3 Thrm
0x16
22
R
Phz3Thrm, Bits[6:0]
N/A
Data Mode Ctrl
0x18
24
R/W
Filter enable
Binary select
FILT_SEL
0x00
Decode Ctrl
0x19
25
R/W
Mix-Mode en
0x00
Sync
0x1A
26
R/W
Inc latency
Dec latency
Sync enable
Sync done
Phase readback, Bits[2:0]
0x00
FSC_1
0x20
32
R/W
Full-scale current, Bits[7:0]
0x00
FSC_2
0x21
33
R/W
Full-scale current, Bits[9:8]
0x02
ANA_CNT1
0x22
34
R/W
0x00
ANA_CNT2
0x23
35
R/W
0x0C
CLK REG1
0x30
48
R/W
0
Cross enable
Cross location, Bits[3:0]
Duty enable
0
0x00
Retimer Ctrl 0
0x33
51
R/W
Phase step, Bits[3:0]
Clear lost
PLL divider
Retimer mode, Bits[1:0]
0x30
Retimer Ctrl 1
0x34
52
R/W
PLL reset_Z
0x55
Retimer Stat 0
0x35
53
R
PLL lock
PLL lost
N/A
SED Control
0x50
80
R/W
SED enable
SED error clear
AED enable
0
0
AED pass
AED fail
SED fail
0x00
SED Patt/Err R0L
0x51
81
R/W
SED Data Port 0 rising edge low part error, Bits[7:0]
N/A
SED Patt/Err R0H 0x52
82
R/W
SED Data Port 0 rising edge high part error, Bits[13:8]
N/A
SED Patt/Err R1L
0x53
83
R/W
SED Data Port 1 rising edge low part error, Bits[7:0]
N/A
SED Patt/Err R1H 0x54
84
R/W
SED Data Port 1 rising edge high part error, Bits[13:8]
N/A
SED Patt/Err F0L
0x55
85
R/W
SED Data Port 0 falling edge low part error, Bits[7:0]
N/A
SED Patt/Err F0H 0x56
86
R/W
SED Data Port 0 falling edge high part error, Bits[13:8]
N/A
SED Patt/Err F1L
0x57
87
R/W
SED Data Port 1 falling edge low part error, Bits[7:0]
N/A
SED Patt/Err F1H 0x58
88
R/W
SED Data Port 1 falling edge high part error, Bits[13:8]
N/A
Parity Control
0x5C
92
R/W
Parity enable
Parity even
Parity error
clear
Parity error
falling edge
Parity error
rising edge
0x00
Parity Err Rising
0x5D
93
R
Parity rising edge error count, Bits[7:0]
N/A
Parity Err Falling
0x5E
94
R
Parity falling edge error count, Bits[7:0]
N/A
Delay Ctrl 0
0x70
112
R/W
Enable delay cell, Bits[7:0]
0xFF
Delay Ctrl 1
0x71
113
R/W
Enable delay cell, Bits[10:8]
0x67
Drive Strength
0x7C
124
R/W
DCO drive strength, Bits[1:0]
0x7C
Part ID
0x7F
127
R
Part ID, Bits[7:0]
0x07 or
0x87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com