Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9119BBCZRL Datasheet(PDF) 12 Page - Analog Devices

Part # AD9119BBCZRL
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZRL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9119BBCZRL Datasheet HTML 8Page - Analog Devices AD9119BBCZRL Datasheet HTML 9Page - Analog Devices AD9119BBCZRL Datasheet HTML 10Page - Analog Devices AD9119BBCZRL Datasheet HTML 11Page - Analog Devices AD9119BBCZRL Datasheet HTML 12Page - Analog Devices AD9119BBCZRL Datasheet HTML 13Page - Analog Devices AD9119BBCZRL Datasheet HTML 14Page - Analog Devices AD9119BBCZRL Datasheet HTML 15Page - Analog Devices AD9119BBCZRL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
AD9119/AD9129
Data Sheet
Rev. B | Page 12 of 66
TYPICAL PERFORMANCE CHARACTERISTICS
AD9119
Static Linearity
IOUTFS = 28 mA, nominal supplies, TA = 25°C, unless otherwise noted.
CODE
–0.2
–0.1
0
0.1
0.2
0.3
0
200
400
600
800
1000 1200 1400 1600 1800 2000
Figure 4. Typical INL, 11 mA at 25°C
–0.2
–0.1
0
0.1
0.2
0.3
CODE
0
200
400
600
800
1000 1200 1400 1600 1800 2000
Figure 5. Typical INL, 22 mA at 25°C
–0.2
–0.1
0
0.1
0.2
0.3
CODE
0
200
400
600
800
1000 1200 1400 1600 1800 2000
Figure 6. Typical INL, 33 mA at 25°C
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
CODE
0
200
400
600
800
1000 1200 1400 1600 1800 2000
Figure 7. Typical DNL, 11 mA at 25°C
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
CODE
0
200
400
600
800
1000 1200 1400 1600 1800 2000
Figure 8. Typical DNL, 22 mA at 25°C
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
CODE
0
200
400
600
800
1000 1200 1400 1600 1800 2000
Figure 9. Typical DNL, 33 mA at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com