| Electronic Components Datasheet Search |
|
AD9737ABBCZ Datasheet(PDF) 41 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9737ABBCZ Datasheet(HTML) 41 Page - Analog Devices |
|
41 / 64 page ![]() Data Sheet AD9737A/AD9739A Rev. D | Page 41 of 64 The AD9737A/AD9739A serial port can support both most significant bit (MSB) first and least significant bit (LSB) first data formats. Figure 153 illustrates how the serial port words are formed for the MSB first and LSB first modes. The bit order is controlled by the LSB/MSB bit (Register 0x00, Bit 6). The default value of Bit 6 is 0, MSB first. When the LSB/MSB bit is set high, the serial port interprets both instruction and data bytes LSB first. SCLK SDATA SCLK SDATA R/W R/W A1 A3 A2 A4 N1 N1 N2 N2 A0 A3 A1 A2 A0 A4 D71 D01 D11 D6N D7N D61 D1N D0N DATA TRANSFER CYCLE INSTRUCTION CYCLE DATA TRANSFER CYCLE INSTRUCTION CYCLE CS CS Figure 153. SPI Timing, MSB First (Upper) and LSB First (Lower) Figure 154 illustrates the timing requirements for a write operation to the SPI port. After the serial port enable (CS) signal goes low, data (SDIO) pertaining to the instruction header is read on the rising edges of the clock (SCLK). To initiate a write operation, the read/not-write bit is set low. After the instruction header is read, the eight data bits pertaining to the specified register are shifted into the SDIO pin on the rising edge of the next eight clock cycles. Figure 155 illustrates the timing for a 3-wire read operation to the SPI port. After CS goes low, data (SDIO) pertaining to the instruction header is read on the rising edges of SCLK. A read operation occurs if the read/not-write indicator is set high. After the address bits of the instruction header are read, the eight data bits pertaining to the specified register are shifted out of the SDIO pin on the falling edges of the next eight clock cycles. Figure 156 illustrates the timing for a 4-wire read operation to the SPI port. The timing is similar to the 3-wire read operation with the exception that data appears at the SDO pin only, whereas the SDIO pin remains at high impedance throughout the operation. The SDO pin is an active output only during the data transfer phase and remains three-stated at all other times. D7 D6 A0 D1 N1 N0 tS SCLK SDIO 1/ fSCLK tLOW tHI tDS tDH R/W D0 tH CS Figure 154. SPI Write Operation Timing D7 D6 A0 D1 N1 tS SCLK SDIO 1/ fSCLK tLOW tHI tDS tDH R/W D0 tEZ A2 A1 tDV CS Figure 155. SPI 3-Wire Read Operation Timing A0 CS N1 tS SCLK SDIO 1/ fSCLK tLOW tHI tDS tDH R/W tEZ A2 A1 tDV D7 D6 D1 SDO D0 tEZ Figure 156. SPI 4-Wire Read Operation Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |