Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9705BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9705BCPZ
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 9Page - Analog Devices AD9705BCPZ Datasheet HTML 10Page - Analog Devices AD9705BCPZ Datasheet HTML 11Page - Analog Devices AD9705BCPZ Datasheet HTML 12Page - Analog Devices AD9705BCPZ Datasheet HTML 13Page - Analog Devices AD9705BCPZ Datasheet HTML 14Page - Analog Devices AD9705BCPZ Datasheet HTML 15Page - Analog Devices AD9705BCPZ Datasheet HTML 16Page - Analog Devices AD9705BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Data Sheet
AD9704/AD9705/AD9706/AD9707
Rev. D | Page 13 of 42
AD9706
NC
DB0 (LSB)
DB1
DB2
DB3
DVDD
DB4
DB5
PIN/SPI/RESET
AVDD
OTCM
IOUTB
IOUTA
ACOM
REFIO
FS ADJ
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD BE
THERMALLY CONNECTED TO A COPPER GROUND
PLANE FOR ENHANCED ELECTRICAL AND THERMAL
PERFORMANCE.
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AD9706
TOP VIEW
(Not to Scale)
Figure
4. AD9706 Pin Configuration
Table 10. AD9706 Pin Function Descriptions
Pin No.
Mnemonic
Description
28 to 32, 1,
2, 4 to 6
DB10 to DB1
Data Bit 10 to Data Bit 1.
3
DVDD
Digital Supply Voltage (1.7 V to 3.6 V). DVDD, AVDD, and CLKVDD must be at the same supply voltage.
7
DB0 (LSB)
Least Significant Data Bit (LSB).
8, 9
NC
No Connect.
10, 26
DCOM
Digital Common.
11
CLKVDD
Clock Supply Voltage (1.7 V to 3.6 V). DVDD, AVDD, and CLKVDD must be at the same supply voltage.
12
CLK+
Positive Differential Clock Input.
13
CLK−
Negative Differential Clock Input.
14
CLKCOM
Clock Common.
15
CMODE/SCLK
In pin mode, this pin selects the clock input type. Connect to CLKCOM for single-ended clock receiver (drive
CLK+ and float CLK–). Connect to CLKVDD for differential receiver. In SPI mode, this pin is the serial data
clock input.
16
MODE/SDIO
In pin mode, this pin selects the input data format. Connect to DCOM for straight binary, and DVDD for twos
complement. In SPI mode, this pin acts as SPI data input/output.
17
PIN/SPI/RESET
Selects SPI Mode or Pin Mode Operation. Active high for pin mode operation, and active low for SPI mode
operation. Pulse high to reset SPI registers to default values.
18
AVDD
Analog Supply Voltage (1.7 V to 3.6 V). DVDD, AVDD, and CLKVDD must be at the same supply voltage.
19
OTCM
Adjustable Output Common Mode. Refer to the Theory of Operation section for details.
20
IOUTB
Complementary DAC Current Output. Full-scale current is sourced when all data bits are 0s.
21
IOUTA
DAC Current Output. Full-scale current is sourced when all data bits are 1s.
22
ACOM
Analog Common.
23
REFIO
Reference Input/Output. Serves as reference input when internal reference disabled. Serves as 1.0 V
reference output when internal reference is activated. Requires a 0.1 µF capacitor to ACOM when internal
reference is activated.
24
FS ADJ
Full-Scale Current Output Adjust.
25
SLEEP/CSB
In pin mode, active high powers down chip. In SPI mode, this pin is the serial port chip select (active low).
27
DB11 (MSB)
Most Significant Data Bit (MSB).
EPAD
It is recommended that the exposed pad be thermally connected to a copper ground plane for enhanced
electrical and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com