Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9705BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9705BCPZ
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 17Page - Analog Devices AD9705BCPZ Datasheet HTML 18Page - Analog Devices AD9705BCPZ Datasheet HTML 19Page - Analog Devices AD9705BCPZ Datasheet HTML 20Page - Analog Devices AD9705BCPZ Datasheet HTML 21Page - Analog Devices AD9705BCPZ Datasheet HTML 22Page - Analog Devices AD9705BCPZ Datasheet HTML 23Page - Analog Devices AD9705BCPZ Datasheet HTML 24Page - Analog Devices AD9705BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Data Sheet
AD9704/AD9705/AD9706/AD9707
Rev. D | Page 21 of 42
FREQUENCY (MHz)
–160
–155
–150
–145
–140
–135
–130
–125
–115
–120
0
10
20
30
40
50
60
70
65MSPS, 1mA
65MSPS, 2mA
80MSPS, 1mA
80MSPS, 2mA
125MSPS, 1mA
125MSPS, 2mA
Figure 33. NSD vs. fOUT, fCLOCK, and IOUTFS at 0 dBFS
FREQUENCY (MHz)
45
95
90
85
80
75
70
65
60
55
50
0
10
20
30
40
50
60
125MSPS
25MSPS
65MSPS
80MSPS
Figure 34. Dual-Tone IMD vs. Lower fOUT at IOUTFS = 1 mA and 0 dBFS
FREQUENCY (MHz)
45
95
90
85
80
75
70
65
60
55
50
0
10
20
30
40
50
60
25MSPS
65MSPS
80MSPS
125MSPS
Figure 35. Dual-Tone IMD vs. Lower fOUT at IOUTFS = 2 mA and 0 dBFS
0
5
10
15
20
35
40
25
30
LOWER
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
+25°C
+85°C
–40°C
Figure 36. Dual-Tone IMD vs. Lower fOUT and Temperature at 80 MSPS,
IOUTFS = 1 mA and 0 dBFS
0
5
10
15
20
35
40
25
30
LOWER
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
–40°C
+80°C
+25°C
Figure 37. Dual-Tone IMD vs. Lower fOUT and Temperature at 80 MSPS,
IOUTFS = 2 mA and 0 dBFS
0
10000
15000
5000
CODE
–1.5
–1.0
–0.5
0.0
0.5
1.0
Figure 38. Typical Uncalibrated INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com