Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9716BCPZ
Description  Digital-to-Analog Converters
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9716BCPZ Datasheet HTML 40Page - Analog Devices AD9716BCPZ Datasheet HTML 41Page - Analog Devices AD9716BCPZ Datasheet HTML 42Page - Analog Devices AD9716BCPZ Datasheet HTML 43Page - Analog Devices AD9716BCPZ Datasheet HTML 44Page - Analog Devices AD9716BCPZ Datasheet HTML 45Page - Analog Devices AD9716BCPZ Datasheet HTML 46Page - Analog Devices AD9716BCPZ Datasheet HTML 47Page - Analog Devices AD9716BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
AD9714/AD9715/AD9716/AD9717
Data Sheet
Rev. B | Page 44 of 80
DAC TRANSFER FUNCTION
The AD9714/AD9715/AD9716/AD9717 provide two differen-
tial current outputs, IOUTP/IOUTN and QOUTP/QOUTN.
IOUTP and QOUTP provide a near full-scale current output,
IxOUTFS, when all bits are high (that is, DAC CODE = 2N − 1,
where N = 8, 10, 12, or 14 for the AD9714, AD9715, AD9716,
and AD9717, respectively), while IOUTN and QOUTN, the
complementary outputs, provide no current. The current
outputs appearing at the positive DAC outputs, IOUTP and
QOUTP, and at the negative DAC outputs, IOUTN and QOUTN,
are a function of both the input code and IxOUTFS and can be
expressed as follows:
IOUTP
= (IDAC CODE/2
N) × IIOUTFS
(1)
QOUTP
= (QDAC CODE/2
N) × IQOUTFS
IOUTN
= ((2
N − 1) − IDAC CODE)/2N × IIOUTFS
(2)
QOUTN
= ((2
N − 1) − QDAC CODE)/2N × IQOUTFS
where:
IDAC CODE
and QDAC CODE = 0 to 2N − 1 (that is, decimal
representation).
IIOUTFS
and IQOUTFS are functions of the reference currents, IIREF
and IQREF, respectively, which are nominally set by a reference
voltage, VREFIO, and external resistors, IRSET and QRSET, respec-
tively. IIOUTFS and IQOUTFS can be expressed as follows:
IIOUTFS
= 32 × IIREF
(3)
IQOUTFS
= 32 × IQREF
where:
IIREF
= VREFIO/IRSET
(4)
IQREF
= VREFIO/QRSET
or
IIOUTFS
= 32 × VREFIO/IRSET
(5)
IQOUTFS = 32 × VREFIO/QRSET
A differential pair (IOUTP/IOUTN or QOUTP/QOUTN)
typically drives a resistive load directly or via a transformer. If
dc coupling is required, the differential pair (IOUTP/IOUTN or
QOUTP/QOUTN) should be connected to matching resistive
loads, xRLOAD, that are tied to analog common, AVSS. The
single-ended voltage output appearing at the positive and
negative nodes is
VIOUTP
= IOUTP × IRLOAD
(6)
VQOUTP
= QOUTP × QRLOAD
VIOUTN
= IOUTN × IRLOAD
(7)
VQOUTN
= QOUTN × QRLOAD
To achieve the maximum output compliance of 1 V at the
nominal 4 mA output current, IRLOAD = QRLOAD must be set
to 250 Ω.
Substituting the values of IOUTP, IOUTN, and IxREF, VIDIFF can
be expressed as
VIDIFF
= {(2 × IDAC CODE – (2
N − 1))/2N} ×
(8)
(32 × VREFIO/IRSET) × IRLOAD
Equation 8 highlights some of the advantages of operating the
AD9714/AD9715/AD9716/AD9717 differentially. First, the
differential operation helps cancel common-mode error sources
associated with IOUTP and IOUTN, such as noise, distortion,
and dc offsets. Second, the differential code-dependent current and
subsequent voltage, VIDIFF, is twice the value of the single-ended
voltage output (that is, VIOUTP or VIOUTN), thus providing twice
the signal power to the load. Note that the gain drift temperature
performance for a single-ended output (VIOUTP and VIOUTN) or
differential output (VIDIFF) of the AD9714/AD9715/AD9716/
AD9717 can be enhanced by selecting temperature-tracking
resistors for xRLOAD and xRSET because of their ratiometric
relationship, as shown in Equation 8.
ANALOG OUTPUT
The complementary current outputs in each DAC, IOUTP/
IOUTN and QOUTP/QOUTN, can be configured for single-
ended or differential operation. IOUTP/IOUTN and QOUTP/
QOUTN can be converted into complementary single-ended
voltage outputs, VIOUTP and VIOUTN, as well as VQOUTP and VQOUTN
via a load resistor, xRLOAD, as described in the DAC Transfer
Function section by Equation 6 through Equation 8. The differen-
tial voltages, VIDIFF and VQDIFF, existing between VIOUTP and VIOUTN,
and VQOUTP and VQOUTN, can also be converted to a single-ended
voltage via a transformer or a differential amplifier configuration.
The ac performance of the AD9714/AD9715/AD9716/AD9717
is optimum and is specified using a differential transformer-
coupled output in which the voltage swing at IOUTP and IOUTN
is limited to ±0.5 V. The distortion and noise performance of
the AD9714/AD9715/AD9716/AD9717 can be enhanced when
it is configured for differential operation. The common-mode
error sources of both IOUTP/IOUTN and QOUTP/QOUTN
can be significantly reduced by the common-mode rejection
of a transformer or differential amplifier. These common-mode
error sources include even-order distortion products and noise.
The enhancement in distortion performance becomes more
significant as the frequency content of the reconstructed wave-
form increases and/or its amplitude increases. This is due to
the first-order cancellation of various dynamic common-mode
distortion mechanisms, digital feedthrough, and noise. Performing
a differential-to-single-ended conversion via a transformer also
provides the ability to deliver twice the reconstructed signal
power to the load (assuming no source termination). Because
the output currents of IOUTP/IOUTN and QOUTP/QOUTN
are complementary, they become additive when processed
differentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com