Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9716BCPZ
Description  Digital-to-Analog Converters
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9716BCPZ Datasheet HTML 45Page - Analog Devices AD9716BCPZ Datasheet HTML 46Page - Analog Devices AD9716BCPZ Datasheet HTML 47Page - Analog Devices AD9716BCPZ Datasheet HTML 48Page - Analog Devices AD9716BCPZ Datasheet HTML 49Page - Analog Devices AD9716BCPZ Datasheet HTML 50Page - Analog Devices AD9716BCPZ Datasheet HTML 51Page - Analog Devices AD9716BCPZ Datasheet HTML 52Page - Analog Devices AD9716BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Data Sheet
AD9714/AD9715/AD9716/AD9717
Rev. B | Page 49 of 80
DIFFERENTIAL BUFFERED OUTPUT
USING AN OP AMP
A dual op amp (see the circuit shown in Figure 105) can be used
in a differential version of the single-ended buffer shown in
Figure 104. The same RC network is used to form a one-pole
differential, low-pass filter to isolate the op amp inputs from
the high frequency images produced by the DAC outputs. The
feedback resistors, RFB, determine the differential peak-to-peak
signal swing by the formula
VOUT
= 2 × RFB × IFS
The maximum and minimum single-ended voltages out of the
amplifier are, respectively,


B
FB
REF
MAX
R
R
V
V
1
VMIN
= VMAX − RFB × IFS
The common-mode voltage of the differential output is
determined by the formula
VCM
= VMAX − RFB × IFS
AD9714/AD9715/
AD9716/AD9717
IOUTP
IOUTN
RFB
VOUT
REFIO 34
28
RS
AVSS 25
CF
C
RFB
RB
CF
RS
RB
29
ADA4841-2
+
–
ADA4841-2
Figure 105. Single-Supply Differential Buffer
AUXILIARY DACs
The DACs of the AD9714/AD9715/AD9716/AD9717 feature
two versatile and independent 10-bit auxiliary DACs suitable
for dc offset correction and similar tasks.
Because the AUXDACs are driven through the SPI port, they
should never be used in timing-critical applications, such
as inside analog feedback loops.
To keep the pin count reasonable, these auxiliary DACs each
share a pin with the corresponding FSADJx resistor. They are,
therefore, usable only when enabled and when that DAC is
operated on its internal full-scale resistors. A simple I-to-V
converter is implemented on chip with selectable shunt resistors
(3.2 kΩ to 16 kΩ) such that if REFIO is set to exactly 1 V, REFIO/2
equals 0.5 V and the following equation describes the no load
output voltage:


k
16
5
.
1
V
5
.
0
S
DAC
OUT
R
I
V
Figure 106 illustrates the function of all the SPI bits controlling
these DACs with the exception of the QAUXEN (Register 0x0A,
Bit 7) and IAUXEN (Register 0x0C, Bit 7) bits and gating to
prohibit RS < 3.2 kΩ.
+
–
OP AMP
AUXDAC
[9:0]
AVDD
RNG0
RNG1
REFIO
2
16k
Ω 16kΩ
16k
Ω
4k
Ω 8kΩ
OFS2
OFS1
OFS0
(OFS > 4 = 4)
AUX
PIN
RNG: 00 = > 125µA
fS
01 = > 62µA
fS
10 = > 31µA
fS
11 = > 16µA
fS
Figure 106. AUXDAC Simplified Circuit Diagram
The SPI speed limits the update rate of the auxiliary DACs. The
data is inverted such that IAUXDAC is full scale at 0x000 and zero
at 0x1FF, as shown in Figure 107.
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
10
20
30
40
50
60
70
80
90
100
120 130
IAUXDAC (µA)
110
ROFFSET = 3.3kΩ
ROFFSET = 4kΩ
ROFFSET = 5.3kΩ
ROFFSET = 8kΩ
ROFFSET = 16kΩ
OP AMP OUTPUT VOLTAGE vs. CHANGES
IN ROFFSET AND DAC CURRENT IN µA
Figure 107. AUXDAC Op Amp Output vs. Current, AVDD = 3.3 V, No Load,
AUXDAC 0x1FF to 0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com