Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH24N50L Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH24N50L
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH24N50L Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH24N50L Datasheet HTML 1Page - IXYS Corporation IXTH24N50L Datasheet HTML 2Page - IXYS Corporation IXTH24N50L Datasheet HTML 3Page - IXYS Corporation IXTH24N50L Datasheet HTML 4Page - IXYS Corporation IXTH24N50L Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXTH24N50L
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 11. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
140
160
Q G - nanoCoulombs
VDS = 250V
ID = 12A
IG = 10mA
Fig. 7. Input Admittance
0
5
10
15
20
25
30
35
45
6789
10
11
12
VG S - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
I D - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
10
20
30
40
50
60
70
80
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 12. Maximum Transient Thermal
Impedance
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Pulse Width - second



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com