Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2746MXAX Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2746MXAX
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2746MXAX Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2746MXAX Datasheet HTML 14Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 15Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 17Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 18Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 19Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 20Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 21Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application Information (Continued)
as high as possible. Two zeroes f
Z1 and fZ2 are placed at the
double pole frequency to cancel the double pole phase lag.
Then, a pole, f
P1 is placed at the frequency of the ESR zero.
A final pole f
P2 is placed at one-half of the switching fre-
quency. The gain of the error amplifier transfer function is
selected to give the best bandwidth possible without violat-
ing the Nyquist stability criteria. In practice, a good crossover
point is one-fifth of the switching frequency, or 60kHz for this
example. The generic equation for the error amplifier transfer
function is:
In this equation the variable A
EA is a ratio of the values of the
capacitance and resistance of the compensation compo-
nents, arranged as shown in Figure 12.A
EA is selected to
provide the desired bandwidth. A starting value of 80,000 for
A
EA should give a conservative bandwidth. Increasing the
value will increase the bandwidth, but will also decrease
phase margin. Designs with 45-60˚ are usually best because
they represent a good tradeoff between bandwidth and
phase margin. In general, phase margin is lowest and gain
highest (worst-case) for maximum input voltage and mini-
mum output current. One method to select A
EA is to use an
iterative process beginning with these worst-case conditions.
1.
Increase A
EA
2.
Check overall bandwidth and phase margin
3.
Change V
IN to minimum and recheck overall bandwidth
and phase margin
4.
Change I
O to maximum and recheck overall bandwidth
and phase margin
The process ends when both bandwidth and phase margin
are sufficiently high. For this example input voltage can vary
from 3.0 to 3.6V and output current can vary from 0 to 4A,
and after a few iterations a moderate gain factor of 101dB is
used.
The error amplifier of the LM2746 has a unity-gain band-
width of 9MHz. In order to model the effect of this limitation,
the open-loop gain can be calculated as:
The new error amplifier transfer function that takes into
account unity-gain bandwidth is:
The gain and phase of the error amplifier are shown in
Figure 14.
In VM regulators, the top feedback resistor R
FB2 forms a part
of the compensation. Setting R
FB2 to 10k
Ω, ±1% usually
gives values for the other compensation resistors and ca-
pacitors that fall within a reasonable range. (Capacitances >
1pF, resistances < 1M
Ω)C
C1,CC2,CC3,RC1, and RC2 are
selected to provide the poles and zeroes at the desired
frequencies, using the following equations:
20147774
20147775
FIGURE 14. Error Amp. Gain and Phase
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com