Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2746MXAX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2746MXAX
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2746MXAX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2746MXAX Datasheet HTML 6Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 7Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 8Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 9Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 10Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 11Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Application Information (Continued)
Where f
SW is in Hz and RFADJ is in k
Ω.
TRACKING A VOLTAGE LEVEL
The LM2746 can track the output of a master power supply
during soft-start by connecting a resistor divider to the SS/
TRACK pin. In this way, the output voltage slew rate of the
LM2746 will be controlled by the master supply for loads that
require precise sequencing. Because the output of the mas-
ter supply is divided down, in order to track properly the
output voltage of the LM2746 must be lower than the voltage
of the master supply. When the tracking function is used no
soft-start capacitor should be connected to the SS/TRACK
pin. However in all other cases, a C
SS value of at least 1nF
between the soft-start pin and ground should be used.
One way to use the tracking feature is to design the tracking
resistor divider so that the master supply’s output voltage
(V
OUT1) and the LM2746’s output voltage (represented sym-
bolically in Figure 1 as V
OUT2, i.e. without explicitly showing
the power components) both rise together and reach their
target values at the same time. For this case, the equation
governing the values of the tracking divider resistors R
T1 and
R
T2 is:
The current through R
T1 should be about 3-4 mA for precise
tracking. The final voltage of the SS/TRACK pin should be
set higher than the feedback voltage of 0.6V (say about
0.65V as in the above equation). If the master supply voltage
were 5V and the LM2746 output voltage were 1.8V, for
example, then the value of R
T1 needed to give the two
supplies identical soft-start times would be 150
Ω. A timing
diagram for the equal soft-start time case is shown in Figure
2.
TRACKING A VOLTAGE SLEW RATE
The tracking feature can alternatively be used not to make
both rails reach regulation at the same time but rather to
have similar rise rates (in terms of output dV/dt). This
method ensures that the output voltage of the LM2746 al-
ways reaches regulation before the output voltage of the
master supply. In this case, the tracking resistors can be
determined based on the following equation:
For the example case of V
OUT1 = 5V and VOUT2 = 1.8V, with
R
T1 set to 150
Ω as before, R
T2 is calculated from the above
equation to be 265
Ω. A timing diagram for the case of equal
slew rates is shown in Figure 3.
SEQUENCING
The start up/soft-start of the LM2746 can be delayed for the
purpose of sequencing by connecting a resistor divider from
the output of a master power supply to the SD pin, as shown
in Figure 4.
20147707
FIGURE 1. Tracking Circuit
20147708
FIGURE 2. Tracking with Equal Soft-Start Time
20147710
FIGURE 3. Tracking with Equal Slew Rates
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com