Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPTPS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28375DPTPS
Description  Dual-Core Delfino Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPTPS Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28375DPTPS Datasheet HTML 1Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 2Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 3Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 4Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 5Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 6Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 7Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 8Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 222 page
background image
2
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Device Overview
Copyright © 2013–2018, Texas Instruments Incorporated
• Configurable Logic Block (CLB)
– Augments Existing Peripheral Capability
– Supports Position Manager Solutions
• Package Options:
– Lead-Free, Green Packaging
– 337-Ball New Fine Pitch Ball Grid Array
(nFBGA) [ZWT Suffix]
– 176-Pin PowerPAD™ Thermally Enhanced Low-
Profile Quad Flatpack (HLQFP) [PTP Suffix]
– 100-Pin PowerPAD Thermally Enhanced Thin
Quad Flatpack (HTQFP) [PZP Suffix]
• Temperature Options:
– T: –40ºC to 105ºC Junction
– S: –40ºC to 125ºC Junction
– Q: –40ºC to 125ºC Free-Air
(AEC Q100 Qualification for Automotive
Applications)
1.2
Applications
•
Advanced Driver Assistance Systems (ADAS)
•
Building Automation
•
Electronic Point of Sale
•
Electric Vehicle/Hybrid Electric Vehicle (EV/HEV)
Powertrain
•
Factory Automation
•
Grid Infrastructure
•
Industrial Transport
•
Medical, Healthcare, and Fitness
•
Motor Drives
•
Power Delivery
•
Telecom Infrastructure
•
Test and Measurement
1.3
Description
C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve closed-
loop performance in real-time control applications such as industrial motor drives; solar inverters and
digital power; electrical vehicles and transportation; motor control; and sensing and signal processing. The
C2000 line includes the Delfino™ Premium Performance family and the Piccolo™ Entry Performance
family.
The Delfino™ TMS320F2837xD is a powerful 32-bit floating-point microcontroller unit (MCU) designed for
advanced closed-loop control applications such as industrial motor drives; solar inverters and digital
power; electrical vehicles and transportation; and sensing and signal processing. Complete development
packages for digital power and industrial drives are available as part of the powerSUITE and
DesignDRIVE initiatives. While the Delfino product line is not new to the TMS320C2000™ portfolio, the
F2837xD supports a new dual-core C28x architecture that significantly boosts system performance. The
integrated analog and control peripherals also let designers consolidate control architectures and eliminate
multiprocessor use in high-end systems.
The dual real-time control subsystems are based on TI’s 32-bit C28x floating-point CPUs, which provide
200 MHz of signal processing performance in each core. The C28x CPUs are further boosted by the new
TMU accelerator, which enables fast execution of algorithms with trigonometric operations common in
transforms and torque loop calculations; and the VCU accelerator, which reduces the time for complex
math operations common in encoded applications.
The F2837xD microcontroller family features two CLA real-time control coprocessors. The CLA is an
independent 32-bit floating-point processor that runs at the same speed as the main CPU. The CLA
responds to peripheral triggers and executes code concurrently with the main C28x CPU. This parallel
processing capability can effectively double the computational performance of a real-time control system.
By using the CLA to service time-critical functions, the main C28x CPU is free to perform other tasks, such
as communications and diagnostics. The dual C28x+CLA architecture enables intelligent partitioning
between various system tasks. For example, one C28x+CLA core can be used to track speed and
position, while the other C28x+CLA core can be used to control torque and current loops.
The TMS320F2837xD supports up to 1MB (512KW) of onboard flash memory with error correction code
(ECC) and up to 204KB (102KW) of SRAM. Two 128-bit secure zones are also available on each CPU for
code protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com