Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPTPS Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28375DPTPS
Description  Dual-Core Delfino Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPTPS Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320F28375DPTPS Datasheet HTML 81Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 82Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 83Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 84Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 85Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 86Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 87Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 88Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 222 page
background image
Inactive
Device Active
CPU1 IDLE
Instruction
Enabled
Bypassed &
Powered -Down
On
Powered Down
Powering up
On
HIBERNATE
CPU1 Boot ROM
Device Status
INTOSC1,INTOSC2,
X1/X2
GPIOHIBWAKEn,
XRSn
PLLs
I/O Isolation
IoRestore() or Application Specific Operation
CPU1 HIB
config
(A)
(B)
(C)
(D)
tw(HIBWAKEn),
tw(XRSn)
(F)
(G)(H)
(I)(J)
XCLKCOUT
Application Specific Operation
Application SpecificOperation
(E)
td(IDLE-XCOS)
Td(WAKE-HIB)
85
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
A.
CPU1 does necessary application-specific context save to M0/M1 memories if required. This includes GPIO state if
using I/O Isolation. Configures the LPMCR register of CPU1 for HIBERNATE mode. Powers down Flash Pump/Bank,
USB-PHY, CMPSS, DAC, and ADC using their register configurations. The application should also power down the
PLL and peripheral clocks before entering HIBERNATE. In dual-core applications, CPU1 should confirm that CPU2
has entered IDLE/STANDBY using the LPMSTAT register.
B.
IDLE instruction is executed to put the device into HIBERNATE mode.
C.
The device is now in HIBERNATE mode. If configured, I/O isolation is turned on, M0 and M1 memories are retained.
CPU1 and CPU2 are powered down. Digital peripherals are powered down. The oscillators, PLLs, analog peripherals,
and Flash are in their software-controlled Low-Power modes. Dx, LSx, and GSx memories are also powered down,
and their memory contents lost.
D.
A falling edge on the GPIOHIBWAKEn pin will drive the wakeup of the devices clock sources INTOSC1, INTOSC2,
and X1/X2 OSC. The wakeup source must keep the GPIOHIBWAKEn pin low long enough to ensure full power-up of
these clock sources.
E.
After the clock sources are powered up, the GPIOHIBWAKEn must be driven high to trigger the wakeup sequence of
the remainder of the device.
F.
The BootROM will then begin to execute. The BootROM can distinguish a HIBERNATE wakeup by reading the
CPU1.REC.HIBRESETn bit. After the TI OTP trims are loaded, the BootROM code will branch to the user-defined
IoRestore function if it has been configured.
G.
At this point, the device is out of HIBERNATE mode, and the application may continue.
H.
The IoRestore function is a user-defined function where the application may reconfigure GPIO states, disable I/O
isolation, reconfigure the PLL, restore peripheral configurations, or branch to application code. This is up to the
application requirements.
I.
If the application has not branched to application code, the BootROM will continue after completing IoRestore. It will
disable I/O isolation automatically if it was not taken care of inside of IoRestore. CPU2 will be brought out of reset at
this point as well.
J.
BootROM will then boot as determined by the HIBBOOTMODE register. Refer to the ROM Code and Peripheral
Booting chapter of the TMS320F2837xD Dual-Core Delfino Microcontrollers Technical Reference Manual for more
information.
Figure 5-20. HIBERNATE Entry and Exit Timing Diagram
NOTE
1. If the IORESTOREADDR is configured as the default value, the BootROM will continue
its execution to boot as determined by the HIBBOOTMODE register. Refer to the ROM
Code and Peripheral Booting chapter of the TMS320F2837xD Dual-Core Delfino
Microcontrollers Technical Reference Manual for more information.
2. The user may choose to disable I/O Isolation at any point in the IoRestore function.
Regardless if the user has disabled Isolation in the IoRestore function or if IoRestore is
not defined, the BootROM will automatically disable isolation before booting as
determined by the HIBBOOTMODE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com