Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C652B Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 25Page - NXP Semiconductors SC16C652B Datasheet HTML 26Page - NXP Semiconductors SC16C652B Datasheet HTML 27Page - NXP Semiconductors SC16C652B Datasheet HTML 28Page - NXP Semiconductors SC16C652B Datasheet HTML 29Page - NXP Semiconductors SC16C652B Datasheet HTML 30Page - NXP Semiconductors SC16C652B Datasheet HTML 31Page - NXP Semiconductors SC16C652B Datasheet HTML 32Page - NXP Semiconductors SC16C652B Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
29 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.
Static characteristics
[1]
Except x2, VOL = 1 V typical.
Table 28:
DC electrical characteristics
Tamb = −40 °C to +85 °C; VCC = 2.5 V, 3.3 V or 5.0 V ±10%, unless otherwise specified.
Symbol
Parameter
Conditions
2.5 V
3.3 V
5.0 V
Unit
Min
Max
Min
Max
Min
Max
VIL(CK)
LOW-level clock input voltage
−0.3
0.45
−0.3
0.6
−0.5
0.6
V
VIH(CK)
HIGH-level clock input voltage
1.8
VCC
2.4
VCC
3.0
VCC
V
VIL
LOW-level input voltage
(except X1 clock)
−0.3
0.65
−0.3
0.8
−0.5
0.8
V
VIH
HIGH-level input voltage
(except X1 clock)
1.6
-
2.0
-
2.2
-
V
VOL
LOW-level output voltage
on all outputs[1]
IOL =5mA
(databus)
-----0.4
V
IOL =4mA
(other outputs)
---0.4
--V
IOL =2mA
(databus)
-0.4
----V
IOL = 1.6 mA
(other outputs)
-0.4
----V
VOH
HIGH-level output voltage
IOH = −5mA
(databus)
----2.4
-V
IOH = −1mA
(other outputs)
--2.0
---V
IOH = −800 µA
(data bus)
1.85
-----V
IOH = −400 µA
(other outputs)
1.85
-----V
ILIL
LOW-level input leakage
current
-
±10
-
±10
-
±10
µA
ICL
clock leakage
-
±30
-
±30
-
±30
µA
ICC
supply current
f = 5 MHz
-
3.5
-
4.5
-
4.5
mA
Ci
input capacitance
-
5
-
5
-
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com