Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C652B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 3 Page - NXP Semiconductors

  SC16C652B Datasheet HTML 1Page - NXP Semiconductors SC16C652B Datasheet HTML 2Page - NXP Semiconductors SC16C652B Datasheet HTML 3Page - NXP Semiconductors SC16C652B Datasheet HTML 4Page - NXP Semiconductors SC16C652B Datasheet HTML 5Page - NXP Semiconductors SC16C652B Datasheet HTML 6Page - NXP Semiconductors SC16C652B Datasheet HTML 7Page - NXP Semiconductors SC16C652B Datasheet HTML 8Page - NXP Semiconductors SC16C652B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
3 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
4.
Block diagram
Fig 1.
SC16C652B block diagram.
TRANSMIT
FIFO
REGISTERS
TXA, TXB
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTERS
RXA, RXB
SC16C652B
TRANSMIT
SHIFT
REGISTER
MODEM
CONTROL
LOGIC
CLOCK AND
BAUD RATE
GENERATOR
XTAL2
XTAL1
DATA BUS
AND
CONTROL LOGIC
REGISTER
SELECT
LOGIC
INTERRUPT
CONTROL
LOGIC
002aaa592
FLOW
CONTROL
LOGIC
FLOW
CONTROL
LOGIC
DTRA, DTRB
RTSA, RTSB
OP2A, OP2B
CTSA, CTSB
RIA, RIB
CDA, CDB
DSRA, DSRB
D0–D7
IOR
IOW
RESET
A0–A2
CSA
CSB
INTA, INTB
TXRDYA, TXRDYB
RXRDYA, RXRDYB
IR
DECODER
IR
ENCODER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com