Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-P033WS57 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTPL-P033WS57
Description  High power LED light source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033WS57 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTPL-P033WS57 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033WS57
Page:
7
of
14
BNC-OD-C131/A4
4. Category Code Table
T2
H
V1
Chromaticity Coordinate Categories
Code
x
y
Code
x
y
Code
x
y
V1
0.3319 0.3446
V2
0.3318 0.3327
V3
0.3267 0.3399
0.3320 0.3565
0.3319 0.3446
0.3263 0.3513
0.3376 0.3616
0.3371 0.3493
0.3320 0.3565
0.3371 0.3493
0.3366 0.3369
0.3319 0.3446
V4
0.3270 0.3285
V5
0.3215 0.3353
V6
0.3222 0.3243
0.3267 0.3399
0.3207 0.3462
0.3215 0.3353
0.3319 0.3446
0.3263 0.3513
0.3267 0.3399
0.3318 0.3327
0.3267 0.3399
0.3270 0.3285
Forward Voltage Categories
Code
Min
Max
G
2.79
3.03
H
3.03
3.27
I
3.27
3.51
K
3.51
3.75
Luminous Flux Categories
Code
Min
Max
U1
87.4
100.0
U2
100.0
113.6
V0
113.6
147.7
Notes
1.
The chromaticity coordinates is operated performance with forward current 350mA.
2.
The luminous flux is operated performance with forward current 350mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com