Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-P033WS57 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTPL-P033WS57
Description  High power LED light source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033WS57 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTPL-P033WS57 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033WS57 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033WS57
Page:
1
of
14
BNC-OD-C131/A4
1. Description
The LTPL (LiteOn Power LED) is a revolutionary, energy efficient and ultra compact new light source,
combining the lifetime and reliability advantages of Light Emitting Diodes with the brightness of
conventional lighting. It gives you total design freedom and unmatched brightness, creating a new
opportunities for solid state lighting to displace conventional lighting technologies.
Features
High power LED light source
Instant light (less than 100 ns)
Low voltage DC operated
Low thermal resistance
RoHS Compliant
Lead free reflow solder compatible
Applications
Portable (flashlight, bicycle)
Downlighters/Orientation
Decorative/Entertainment
Bollards/Security/Garden
Cove/Undershelf/Task
Traffic signaling/Beacons/ Rail crossing and Wayside
Indoor/Outdoor Commercial Residential Architectural
Edge_lit signs (Exit, point of sale)
2. Outline Dimensions
Notes
1. All dimensions are in millimeters.
2. Tolerance is ±0.2 mm (.008") unless otherwise noted.


Similar Part No. - LTPL-P033WS57

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-P033AS30-LTK LITEON-LTPL-P033AS30-LTK Datasheet
580Kb / 14P
Specific Lighting
LTPL-P033AS50-LTK LITEON-LTPL-P033AS50-LTK Datasheet
581Kb / 15P
Specific Lighting
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
High power LED light source
LTPL-P033MS28 LITEON-LTPL-P033MS28 Datasheet
207Kb / 14P
LITE-ON TECHNOLOGY CORPORATION
LTPL-P033RGB LITEON-LTPL-P033RGB Datasheet
455Kb / 14P
Specific Lighting
More results

Similar Description - LTPL-P033WS57

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LOPL-E001A LITEON-LOPL-E001A Datasheet
316Kb / 12P
High power LED light source
LOPL-E001B LITEON-LOPL-E001B Datasheet
316Kb / 12P
High power LED light source
LOPL-E001C LITEON-LOPL-E001C Datasheet
220Kb / 12P
High power LED light source
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
High power LED light source
LOPL-E001H LITEON-LOPL-E001H Datasheet
302Kb / 12P
High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
High power LED light source
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
High power LED light source
LOPL-E011RA LITEON-LOPL-E011RA Datasheet
237Kb / 12P
High power LED light source
LOPL-E011WA LITEON-LOPL-E011WA Datasheet
248Kb / 12P
High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com