Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8602G-Q20-4040-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L8602G-Q20-4040-R
Description  LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8602G-Q20-4040-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L8602G-Q20-4040-R Datasheet HTML 1Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 2Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 3Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 4Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 5Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 6Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 7Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
L8602
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
6 of 8
www.unisonic.com.tw
QW-R123-023.a
LN B SY ST EM DI AGRAM
T Y PI CAL APPLI CAT I ON CI RCU I T
The UTC L8602 series of devices are designed to meet the bias requirements of GaAs and HEMT FETs
commonly used in satellite receiver LNBs with a minimum of external components whilst operating from a minimal
voltage supply and using minimal current.
The truth table below shows the function of UTC L8602’s features.
L8602 truth table
RCAL Pin
Resistor Termination
1st LNA
Stages
FET Stage
2nd LNA Stages
3rd LNA/
Mixer Stages
FEATURE
RCAL1
RCAL2
RCALM
Bias 1
Bias 4
Bias 2
Bias 5
Bias 3
Bias 6
GND
GND
OPEN
on
on
on
on
on
on
3V
GND
OPEN
off
off
on
on
on
on
6 LNA stages to provide
standard bias to the GaAs or
HEMT FET’s
GND
3V
OPEN
on
on
off
off
off
off
Power down FET groups for LNA
switching or power saving.
3V
3V
OPEN
off
off
off
off
off
off
GND
GND
GND
on
on
on
on
mixer
mixer
GND
3V
GND
on
on
off
off
mixer
mixer
3V
GND
GND
off
off
on
on
mixer
mixer
4 LNA stages to provide
standard bias to the GaAs or
HEMT FET’s plus 2 active mixer
stages
3V
3V
GND
off
off
off
off
mixer
mixer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com