Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8602G-Q20-4040-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L8602G-Q20-4040-R
Description  LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8602G-Q20-4040-R Datasheet(HTML) 7 Page - Unisonic Technologies

  L8602G-Q20-4040-R Datasheet HTML 1Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 2Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 3Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 4Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 5Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 6Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 7Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
L8602
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
7 of 8
www.unisonic.com.tw
QW-R123-023.a
T Y PI CAL APPLI CAT I ON CI RCU I T (Cont .)
UTC L8602
G2
D3
G3
RcalM
G5
D6
G6
RCAL1
L*
C*
C1
10nF
L*
C*
C2
10nF
JF2
VCC
RCAL1
RCAL2
36k
36k
CNB
47nF
CSUB
47nF
* Stripline Elements
D5
D2
UTC L8602 in 6 LNA mode
The bias stages are split up into two groups, with the drain current of each group set by an external RCAL resistor.
RCAL1 sets the drain currents of stages 1 and 4, whilst RCAL2 sets the drain currents of stages 2, 3, 5 and 6. To ensure
that the mixer function is disabled the RCALM pin should be left open circuit.
UTC L8602
G2
D3
G3
RCALM
G5
D6
G6
RCAL1
L*
C*
C1
10nF
L*
C*
C2
10nF
JF2
VCC
RCAL1
RCAL2
36k
36k
CNB
47nF
CSUB
47nF
* Stripline Elements
D5
D2
L*
C*
C3
10nF
L*
C*
C4
10nF
JFM
VLO
RCALM
68k
UTC L8602 in 4 LNA and 2 active mixer mode
The bias stages are split up into three groups, with the drain current of each group set by an external RCAL resistor.
RCAL1 sets the LNA drain currents of stages 1 and 4, and RCAL2 sets the drain currents of LNA stages 2 and 5. RCALM
sets the mixer drain currents of stages 3 and 6.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com