Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7269 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TDA7269
Description  14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7269 Datasheet(HTML) 6 Page - Unisonic Technologies

  TDA7269 Datasheet HTML 1Page - Unisonic Technologies TDA7269 Datasheet HTML 2Page - Unisonic Technologies TDA7269 Datasheet HTML 3Page - Unisonic Technologies TDA7269 Datasheet HTML 4Page - Unisonic Technologies TDA7269 Datasheet HTML 5Page - Unisonic Technologies TDA7269 Datasheet HTML 6Page - Unisonic Technologies TDA7269 Datasheet HTML 7Page - Unisonic Technologies TDA7269 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TDA7269
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
6 of 8
www.unisonic.com.tw
QW-R107-053.E
APPLI CAT I ON CI RCU I T S(Cont .)
560
Ω(*)
18k
Ω(*)
18k
Ω(*)
4.7
Ω
15k
Ω
15k
Ω
18k
Ω
IN (R)
1
μF
IN (L)
MUTE/
ST-BY
1
μF
1
μF
SW2
MUTE
0.1
μF
100
μF
DZ
5.1V
+VCC
-VCC
OUT (L)
IN- (L)
IN- (R)
OUT (R)
RL (L)
RL (R)
0.1
μF
0.1
μF
1000
μF
0.1
μF
Q1
SW1
ST-BY
11
5
7
1
6
9
10
2
8
4
3
10k
Ω
560
Ω(*)
4.7
Ω
Test and Application Circuit (Stereo Configuration)
Note: (*) Closed loop gain has to be
≥25dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com