Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7269 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA7269
Description  14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7269 Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA7269 Datasheet HTML 1Page - Unisonic Technologies TDA7269 Datasheet HTML 2Page - Unisonic Technologies TDA7269 Datasheet HTML 3Page - Unisonic Technologies TDA7269 Datasheet HTML 4Page - Unisonic Technologies TDA7269 Datasheet HTML 5Page - Unisonic Technologies TDA7269 Datasheet HTML 6Page - Unisonic Technologies TDA7269 Datasheet HTML 7Page - Unisonic Technologies TDA7269 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
TDA7269
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R107-053.E
1 4 W+1 4 W ST EREO AM PLI FI ER
WI T H M U T E & ST AN D-BY
DESCRI PT I ON
The UTC TDA7269 is a stereo 14+14W class AB Dual Audio
Power amplifier with mute and ST-BY control. This IC provides high
output power of 14 watts per channel (at VCC=±16V, f =1KHz, THD =
10%, RL = 8
Ω). It has low IQ at stand-by mode and no POP at turn
ON or OFF.
FEAT U RES
* High output power: POUT =14 W/channel (Typ.)
VCC=
±16V, RL = 8Ω, f =1KHz, THD = 10%
* Operation supply voltage range (Ta = 25°C)
VCC(OPR) = ±5~±20V (RL = 8
Ω)
VCC(OPR) = ±5~±15V (RL = 4
Ω)
* Split supply
* Built in overload protection circuit.
* Built in thermal shut down protector circuit.
* Built in audio muting circuit (POP free)
* Built in standby circuit.
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
TDA7269L-J11-A-T
TDA7269G-J11-A-T
HZIP-11A
Tube
M ARK I N


Similar Part No. - TDA7269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7269 STMICROELECTRONICS-TDA7269 Datasheet
54Kb / 7P
1010W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
logo
Unisonic Technologies
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
More results

Similar Description - TDA7269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
logo
National Semiconductor ...
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
logo
Unisonic Technologies
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com