Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2301ALT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LP2301ALT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2301ALT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LP2301ALT3G Datasheet HTML 1Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 2Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 3Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 4Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LP2301ALT1G, S-LP2301ALT1G
20V P-Channel Enhancement-Mode MOSFET
7.ELECTRICAL CHARACTERISTICS CURVES
0
100
200
300
400
500
600
700
800
0
5
10
15
20
VDS,Drain-to-Source(V)
Ciss
Coss
Crss
Capacitor vs. VDS
Leshan Radio Company, LTD.
3/5
0
0.2
0.4
0.6
0.8
1
1
2
3
4
5
VGS(V)
ID=2.80A
150
℃
-55
℃
25
℃
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
-50
-25
0
25
50
75
100
125
150
Tj(
℃)
VGS=2.5V,ID=2.0A
VGS=4.5V,ID=2.8A
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.5
1
1.5
2
2.5
3
ID(A)
VGS=2.5V
VGS=4.5V
Ta=25
℃
RDS(on) vs.Temperature
RDS(on) vs. ID
RDS(on) vs. VGS
Rev.C Sep. 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com