Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4061 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-lon Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 1 Page - Linear Technology

  LTC4061 Datasheet HTML 1Page - Linear Technology LTC4061 Datasheet HTML 2Page - Linear Technology LTC4061 Datasheet HTML 3Page - Linear Technology LTC4061 Datasheet HTML 4Page - Linear Technology LTC4061 Datasheet HTML 5Page - Linear Technology LTC4061 Datasheet HTML 6Page - Linear Technology LTC4061 Datasheet HTML 7Page - Linear Technology LTC4061 Datasheet HTML 8Page - Linear Technology LTC4061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4061
1
4061fa
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
+
VCC
TIMER
PROG
IDET
BAT
CHRG
ACPR
NTC
LTC4061
GND
800mA
619
Ω
1µF
VIN
4.3V TO 8V
4061 TA01a
4.2V
SINGLE CELL
Li-Ion BATTERY
C/5
EN
TIME (HOURS)
0
0.5
1.5
2.5
3.0
2.0
900
800
700
600
500
400
300
200
100
0
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
4061 TA01b
1.0
BATTERY
CURRENT
BATTERY
VOLTAGE
VCC = 5V
TA = 25°C
■
Charge Current Programmable up to 1A
■
Charges Single Cell Li-Ion Batteries Directly from
USB Port
■
Preset Charge Voltage with ±0.35% Accuracy
■
Thermistor Input for Temperature Qualified
Charging
■
Input Supply Present Logic Output
■
Thermal Regulation Maximizes Charge Rate
Without Risk of Overheating*
■
Programmable Charge Current Detection/
Termination
■
Programmable Charge Termination Timer
■
Smart Pulsing Error Feature
■
SmartStartTM Prolongs Battery Life
■
20µA Charger Quiescent Current in Shutdown
■
Available in a Low Profile (0.75mm) 10-Lead
(3mm × 3mm) DFN Package
Standalone Linear Li-Ion Battery
Charger with Thermistor Input
The LTC
®4061 is a full-featured, flexible, standalone linear
charger for single-cell Lithium-Ion batteries. It is capable
of operating within USB power specifications.
Both programmable time and programmable current
based termination schemes are available. Furthermore,
the ⎯C⎯H⎯R⎯G open-drain status pin can be programmed to
indicate the battery charge state according to the needs
of the application. Additional safety features designed to
maximize battery lifetime and reliability include NTC bat-
tery temperature sensing and the SmartStart
TM charging
algorithm.
No external sense resistor or external blocking diode is
required for charging due to the internal MOSFET archi-
tecture. Internal thermal feedback regulates the charge
current to maintain a constant die temperature during
high power operation or high ambient temperature condi-
tions. The charge current is programmed with an external
resistor. With power applied, the LTC4061 can be put into
shutdown mode to reduce the supply current to 20µA and
the battery drain current to less than 2µA.
Other features include smart recharge, USB ⎯C⎯/⎯5 cur-
rent programming input, undervoltage lockout and AC
Present logic.
800mA Single Cell Li-Ion Battery Charger
(C/10 Termination)
■
Handheld Computers
■
Portable MP3 Players
■
Digital Cameras
Complete Charge Cycle (1100mAh Battery)
SmartStart is a trademark of Linear Technology Corporation.
*Protected by U.S. Patents including 6522118.
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
790Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
Linear Integrated Syste...
LTC4061 LINEAR-LTC4061 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
224Kb / 20P
Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061 LINER-LTC4061 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
1A Standalone Linear Li-lon Battery Charger
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com