Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4061 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-lon Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4061 Datasheet HTML 12Page - Linear Technology LTC4061 Datasheet HTML 13Page - Linear Technology LTC4061 Datasheet HTML 14Page - Linear Technology LTC4061 Datasheet HTML 15Page - Linear Technology LTC4061 Datasheet HTML 16Page - Linear Technology LTC4061 Datasheet HTML 17Page - Linear Technology LTC4061 Datasheet HTML 18Page - Linear Technology LTC4061 Datasheet HTML 19Page - Linear Technology LTC4061 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC4061
18
4061fa
APPLICATIO S I FOR ATIO
Figure 8. Combining Wall Adapter and USB Power
+
VCC
D1
PROG
IDET
3.3k
2k
MN1
5V WALL
ADAPTER
ICHG = 800mA
USB POWER
ICHG = 500mA
MP1
4061 F08
BAT
LTC4061
1.25k
Li-Ion
BATTERY
SYSTEM
LOAD
1k
C/5
MOSFET, MP1, is used to prevent back conducting into the
USB port when a wall adapter is present and a Schottky
diode, D1, is used to prevent USB power loss through the
1kΩ pull-down resistor.
Typically a wall adapter can supply more current than
the 500mA limited USB port. Therefore, an N-channel
MOSFET, MN1, and an extra 3.3kΩ program resistor are
used to increase the charge current to 800mA when the
wall adapter is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com