Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6241 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6241
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6241 Datasheet(HTML) 3 Page - Linear Technology

  LTC6241 Datasheet HTML 1Page - Linear Technology LTC6241 Datasheet HTML 2Page - Linear Technology LTC6241 Datasheet HTML 3Page - Linear Technology LTC6241 Datasheet HTML 4Page - Linear Technology LTC6241 Datasheet HTML 5Page - Linear Technology LTC6241 Datasheet HTML 6Page - Linear Technology LTC6241 Datasheet HTML 7Page - Linear Technology LTC6241 Datasheet HTML 8Page - Linear Technology LTC6241 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC6241/LTC6242
3
62412f
(LTC6241/LTC6241HV, LTC6242/LTC6242HV) The ● denotes the
specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 5)
SO-Package
0°C to 70°C
–40°C to 85°C
●
●
40
125
250
300
µV
µV
µV
GN Package
0°C to 70°C
–40°C to 85°C
●
●
50
150
275
300
µV
µV
µV
DD, DHC Packages
0°C to 70°C
–40°C to 85°C
●
●
100
550
650
725
µV
µV
µV
VOS Match Channel-to-Channel (Note 6) SO-8 Package
0°C to 70°C
–40°C to 85°C
●
●
40
160
300
375
µV
µV
µV
GN Package
0°C to 70°C
–40°C to 85°C
●
●
50
185
325
400
µV
µV
µV
DD, DHC Packages
0°C to 70°C
–40°C to 85°C
●
●
150
650
700
750
µV
µV
µV
TC VOS
Input Offset Voltage Drift (Note 7)
●
0.7
2.5
µV/°C
IB
Input Bias Current (Notes 5, 8)
●
1
75
pA
pA
PART NUMBER
AMPS/PACKAGE
SPECIFIED TEMP RANGE
SPECIFIED SUPPLY VOLTAGE
PACKAGE
PART MARKING
LTC6241CS8
2
0°C to 70°C
3V, 5V
SO-8
6241
LTC6241CDD
2
0°C to 70°C
3V, 5V
DD
LBPD
LTC6241HVCS8
2
0°C to 70°C
3V, 5V, ±5V
SO-8
6241HV
LTC6241HVCDD
2
0°C to 70°C
3V, 5V, ±5V
DD
LBRR
LTC6241IS8
2
–40°C to 85°C
3V, 5V
SO-8
6241I
LTC6241IDD
2
–40°C to 85°C
3V, 5V
DD
LBPD
LTC6241HVIS8
2
–40°C to 85°C
3V, 5V, ±5V
SO-8
241HVI
LTC6241HVIDD
2
–40°C to 85°C
3V, 5V, ±5V
DD
LBRR
LTC6242CGN
4
0°C to 70°C
3V, 5V
GN
6242
LTC6242CDHC
4
0°C to 70°C
3V, 5V
DHC
6242
LTC6242HVCGN
4
0°C to 70°C
3V, 5V, ±5V
GN
6242HV
LTC6242HVCDHC
4
0°C to 70°C
3V, 5V, ±5V
DHC
6242HV
LTC6242IGN
4
–40°C to 85°C
3V, 5V
GN
6242I
LTC6242IDHC
4
–40°C to 85°C
3V, 5V
DHC
6242
LTC6242HVIGN
4
–40°C to 85°C
3V, 5V, ±5V
GN
242HVI
LTC6242HVIDHC
4
–40°C to 85°C
3V, 5V, ±5V
DHC
6242HV
AVAILABLE OPTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com