Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6241 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6241
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6241 Datasheet(HTML) 5 Page - Linear Technology

  LTC6241 Datasheet HTML 1Page - Linear Technology LTC6241 Datasheet HTML 2Page - Linear Technology LTC6241 Datasheet HTML 3Page - Linear Technology LTC6241 Datasheet HTML 4Page - Linear Technology LTC6241 Datasheet HTML 5Page - Linear Technology LTC6241 Datasheet HTML 6Page - Linear Technology LTC6241 Datasheet HTML 7Page - Linear Technology LTC6241 Datasheet HTML 8Page - Linear Technology LTC6241 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC6241/LTC6242
5
62412f
(LTC6241/LTC6241HV, LTC6242/LTC6242HV) The denotes the
specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V, VCM = 1.5V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 5)
SO-8 Package
0°C to 70°C
–40°C to 85°C
40
175
275
325
µV
µV
µV
GN Package
0°C to 70°C
–40°C to 85°C
60
200
275
325
µV
µV
µV
DD, DHC Packages
0°C to 70°C
–40°C to 85°C
100
550
650
725
µV
µV
µV
VOS Match Channel-to-Channel (Note 6) SO-8 Package
0°C to 70°C
–40°C to 85°C
40
200
325
400
µV
µV
µV
GN Package
0°C to 70°C
–40°C to 85°C
60
225
325
400
µV
µV
µV
DD, DHC Packages
0°C to 70°C
–40°C to 85°C
150
650
700
750
µV
µV
µV
IB
Input Bias Current (Notes 5, 8)
1
75
pA
pA
IOS
Input Offset Current (Notes 5, 8)
0.5
75
pA
pA
VCM
Input Voltage Range
Guaranteed by CMRR
0
1.5
V
CMRR
Common Mode Rejection
0V ≤ VCM ≤ 1.5V
78
100
dB
CMRR Match
Channel-to-Channel (Note 6)
76
95
dB
AVOL
Large Signal Voltage Gain
VO = 1V to 2V
RL = 10k to VS/2
0°C to 70°C
–40°C to 85°C
140
100
75
600
V/mV
V/mV
V/mV
VOL
Output Voltage Swing Low (Note 10)
No Load
ISINK = 1mA
3
65
30
110
mV
mV
VOH
Output Voltage Swing High (Note 10)
No Load
ISOURCE = 1mA
4
70
30
120
mV
mV
PSRR
Power Supply Rejection
VS = 2.8V to 6V, VCM = 0.2V
80
104
dB
PSRR Match
Channel-to-Channel (Note 6)
74
100
dB
Minimum Supply Voltage (Note 11)
2.8
V
ISC
Short-Circuit Current
36
mA
IS
Supply Current per Amplifier
0°C to 70°C
–40°C to 85°C
1.4
1.7
1.8
1.9
mA
mA
mA
GBW
Gain Bandwidth Product
Frequency = 20kHz, RL = 1kΩ
12
17
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com