Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6242CDHC Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6242CDHC
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6242CDHC Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6242CDHC Datasheet HTML 3Page - Linear Technology LTC6242CDHC Datasheet HTML 4Page - Linear Technology LTC6242CDHC Datasheet HTML 5Page - Linear Technology LTC6242CDHC Datasheet HTML 6Page - Linear Technology LTC6242CDHC Datasheet HTML 7Page - Linear Technology LTC6242CDHC Datasheet HTML 8Page - Linear Technology LTC6242CDHC Datasheet HTML 9Page - Linear Technology LTC6242CDHC Datasheet HTML 10Page - Linear Technology LTC6242CDHC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC6241/LTC6242
7
62412f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 3: All versions of the LTC6241/LTC6242 are guaranteed functional
over the temperature range of –40°C and 85°C.
Note 4: The LTC6241C/LTC6241HVC, LTC6242C/LTC6242HVC are
guaranteed to meet specified performance from 0°C to 70°C. They are
designed, characterized and expected to meet specified performance from
–40°C to 85°C, but are not tested or QA sampled at these temperatures.
The LTC6241I/LTC6241HVI, LTC6242I/LTC6242HVI are guaranteed to meet
specified performance from –40°C to 85°C.
Note 5: ESD (Electrostatic Discharge) sensitive device. ESD protection
devices are used extensively internal to the LTC6241/LTC6242; however,
high electrostatic discharge can damage or degrade the device. Use proper
ESD handling precautions.
Note 6: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LTC6242; between the two amplifiers
of the LTC6241. CMRR and PSRR match are defined as follows: CMRR
and PSRR are measured in µV/V on the matched amplifiers. The difference
(LTC6241HV/LTC6242HV) The ● denotes the specifications which apply over
the specified temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, 0V, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection
VS = 2.8V to 11V, VCM = 0.2V
●
85
110
dB
PSRR Match
Channel-to-Channel (Note 6)
●
82
106
dB
Minimum Supply Voltage (Note 11)
●
2.8
V
ISC
Short-Circuit Current
●
15
35
mA
IS
Supply Current per Amplifier
0°C to 70°C
–40°C to 85°C
●
●
2.5
3.2
3.3
3.7
mA
mA
mA
GBW
Gain Bandwidth Product
Frequency = 20kHz, RL = 1kΩ
●
13
18
MHz
SR
Slew Rate (Note 12)
AV = –2, RL = 1kΩ
●
5.5
10
V/µs
FPBW
Full Power Bandwidth (Note 13)
VOUT = 3VP-P, RL = 1kΩ
●
0.58
1.06
MHz
ts
Settling Time
VSTEP = 2V, AV = –1, RL = 1kΩ, 0.1%
900
ns
is calculated between the matching sides in µV/V. The result is converted
to dB.
Note 7: This parameter is not 100% tested.
Note 8: This specification is limited by high speed automated test
capability. See Typical Characteristics curves for actual typical
performance.
Note 9: Current noise is calculated from the formula: in = (2qIB)
1/2
where q = 1.6 × 10–19 coulomb. The noise of source resistors up to
50GΩ dominates the contribution of current noise. See also Typical
Characteristics curve Noise Current vs Frequency.
Note 10: Output voltage swings are measured between the output and
power supply rails.
Note 11: Minimum supply voltage is guaranteed by the power supply
rejection ratio test.
Note 12: Slew rate is measured in a gain of –2 with RF = 1k and RG
= 500Ω. On the LTC6241/LTC6242, VIN is ±1V and VOUT slew rate is
measured between –1V and +1V. On the LTC6241HV/LTC6242HV, VIN is
±2V and VOUT slew rate is measured between –2V and +2V.
Note 13: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com