Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6242CDHC Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6242CDHC
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6242CDHC Datasheet(HTML) 4 Page - Linear Technology

  LTC6242CDHC Datasheet HTML 1Page - Linear Technology LTC6242CDHC Datasheet HTML 2Page - Linear Technology LTC6242CDHC Datasheet HTML 3Page - Linear Technology LTC6242CDHC Datasheet HTML 4Page - Linear Technology LTC6242CDHC Datasheet HTML 5Page - Linear Technology LTC6242CDHC Datasheet HTML 6Page - Linear Technology LTC6242CDHC Datasheet HTML 7Page - Linear Technology LTC6242CDHC Datasheet HTML 8Page - Linear Technology LTC6242CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6241/LTC6242
4
62412f
(LTC6241/LTC6241HV, LTC6242/LTC6242HV) The ● denotes the
specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOS
Input Offset Current (Notes 5, 8)
●
0.5
75
pA
pA
Input Noise Voltage
0.1Hz to 10Hz
550
nVP-P
en
Input Noise Voltage Density
f = 1kHz
7
10
nV/√Hz
in
Input Noise Current Density (Note 9)
0.56
fA/√Hz
RIN
Input Resistance
Common Mode
1012
Ω
CIN
Input Capacitance
Differential Mode
Common Mode
f = 100kHz (See Typical Characteristic
Curves)
0.5
3
pF
pF
VCM
Input Voltage Range
Guaranteed by CMRR
●
0
3.5
V
CMRR
Common Mode Rejection
0V ≤ VCM ≤ 3.5V
●
80
105
dB
CMRR Match
Channel-to-Channel (Note 6)
●
76
95
dB
AVOL
Large Signal Voltage Gain
VO = 1V to 4V
RL = 10k to VS/2
0°C to 70°C
–40°C to 85°C
●
●
425
300
200
1600
V/mV
V/mV
V/mV
VO = 1.5V to 3.5V
RL = 1k to VS/2
0°C to 70°C
–40°C to 85°C
●
●
90
60
50
215
V/mV
V/mV
V/mV
VOL
Output Voltage Swing Low (Note 10)
No Load
ISINK = 1mA
ISINK = 5mA
●
●
●
7
40
190
30
75
325
mV
mV
mV
VOH
Output Voltage Swing High (Note 10)
No Load
ISOURCE = 1mA
ISOURCE = 5mA
●
●
●
11
45
190
30
75
325
mV
mV
mV
PSRR
Power Supply Rejection
VS = 2.8V to 6V, VCM = 0.2V
●
80
104
dB
PSRR Match
Channel-to-Channel (Note 6)
●
74
100
dB
Minimum Supply Voltage (Note 11)
●
2.8
V
ISC
Short-Circuit Current
●
15
30
mA
IS
Supply Current per Amplifier
0°C to 70°C
–40°C to 85°C
●
●
1.8
2.2
2.3
2.4
mA
mA
mA
GBW
Gain Bandwidth Product
Frequency = 20kHz, RL = 1kΩ
●
13
18
MHz
SR
Slew Rate (Note 12)
AV = –2, RL = 1kΩ
●
5
10
V/µs
FPBW
Full Power Bandwidth (Note 13)
VOUT = 3VP-P, RL = 1kΩ
●
0.53
1.06
MHz
ts
Settling Time
VSTEP = 2V, AV = –1, RL = 1kΩ, 0.1%
1100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com