Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDS8680 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDS8680
Description  800 mA White LED Driver for Photo Flash
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8680 Datasheet(HTML) 2 Page - IXYS Corporation

  LDS8680 Datasheet HTML 1Page - IXYS Corporation LDS8680 Datasheet HTML 2Page - IXYS Corporation LDS8680 Datasheet HTML 3Page - IXYS Corporation LDS8680 Datasheet HTML 4Page - IXYS Corporation LDS8680 Datasheet HTML 5Page - IXYS Corporation LDS8680 Datasheet HTML 6Page - IXYS Corporation LDS8680 Datasheet HTML 7Page - IXYS Corporation LDS8680 Datasheet HTML 8Page - IXYS Corporation LDS8680 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LDS8680
© 2009 IXYS Corp.
2
Doc. No. 8680_DS, Rev. N1.0
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDx, C1± voltage
6
V
VOUT voltage
6
V
EN/SET voltage
VIN + 0.7V
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +125
°C
Soldering Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VIN
2.7 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(Over recommended operating conditions unless specified otherwise) VIN = 3.6V, C1 = 2.2 µF, Cin = Cout = 1 µF, EN = High, TAMB = 25°C
Name
Conditions
Min
Typ
Max
Units
Standby Current
0.6
mA
Shutdown Current
VEN = 0V
0.5
µA
LED Current Accuracy
1mA
≤I
LED ≤400 mA
±8
%
LED Channel Matching
(ILED - ILEDAVG) / ILEDAVG
±8
%
1-x mode
0.5
Output Resistance (open loop)
1
2-x mode
1.7
Ω
Charge Pump Frequency
1
MHz
Output short circuit Current Limit
VOUT < 0.5V
2
A
Input Current Limit
2
A
1-x to 2-x
Transition Thresholds at any LED pin
At 200 mA
150
mV
Transition Filter Delay
800
µs
Input current
EN = VIN = 5.5 V
1
µA
High
1.4
EN/SET
Pin
Logic Level
Low
0.4
V
Thermal Shutdown
1
160
Thermal Hysteresis
1
25
°C
Under Voltage Lockout (UVLO)
Threshold
2.3
V
Output Over Voltage protection
5.6
5.9
V
Flash LED Safety Timer
250
ms
Note:
1. Sample test only
2. Measusured from Flash LED ON command to ILED reaches 90% of regulated level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com