Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDS8680 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LDS8680
Description  800 mA White LED Driver for Photo Flash
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8680 Datasheet(HTML) 3 Page - IXYS Corporation

  LDS8680 Datasheet HTML 1Page - IXYS Corporation LDS8680 Datasheet HTML 2Page - IXYS Corporation LDS8680 Datasheet HTML 3Page - IXYS Corporation LDS8680 Datasheet HTML 4Page - IXYS Corporation LDS8680 Datasheet HTML 5Page - IXYS Corporation LDS8680 Datasheet HTML 6Page - IXYS Corporation LDS8680 Datasheet HTML 7Page - IXYS Corporation LDS8680 Datasheet HTML 8Page - IXYS Corporation LDS8680 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LDS8680
© 2009 IXYS Corp.
3
Doc. No. 8680_DS, Rev. N1.0
Characteristics subject to change without notice
RECOMMENDED EN/SET TIMING
For 2.7
V
IN 5.5V, over full ambient temperature range - 40 to +85ºC.
Symbol
Name
Conditions
Min
Typ
Max
Units
tSETUP- PWM
EN/SET setup from shutdown in
PWM mode
10
100
200
μs
tSETUP-COM
EN/SET setup from shutdown in
command mode
300
400
2000
μs
tBO
Bit “zero” positive pulse
1
2
4
μs
tB1
Bit “one” positive pulse
8
16
200
μs
tCLO1
Low time between 16 command
pulses
2
25
50
μs
tCLO2
Low time between two 16-byte
command sets
100
200
μs
tLO
EN LOW Time to finalize
command mode
0.3
30
ms
tOFF
EN/SET low time to shutdown
50
ms
Fig. 1 Command mode programming
Fig. 2 PWM mode with short pulse
Fig. 3 PWM mode with long pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com