Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSW219CT Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part # NVSW219CT
Description  WHITE LED
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW219CT Datasheet(HTML) 12 Page - NICHIA CORPORATION

Back Button NVSW219CT Datasheet HTML 8Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 9Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 10Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 11Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 12Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 13Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 14Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 15Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 16Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
NICHIA STS-DA1-3555F <Cat.No.180925>
11
TAPE AND REEL DIMENSIONS
ー 部/ ーダ部 Trailer and Leader
ップカ
ー ープ
引 出し方向
Embossed Carrier Tape
エンボ キャ
ープ
Top Cover Tape
Feed
Direction
ーダ部最小400mm
Leader without Top Cover Tape 400mm MIN
ー 部最小160mm 空部
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
引 出し部最小100mm 空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
Nxxx219x
STS-DA7-6927
ーピン 部 Tape
8
±0.1
2
±0.054±0.1
-0
Φ1.5+0.1
(単位 Unit: mm)
管理番号 No.
Reel Size: 3500pcs
数量
1 ー
3500個入
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品 ーピン
準し います
* 実装作業中断
エンボ キャ
ープ
巻 取 場合
エンボ キャ
ープ 強く(10N
)締
さい
LED
ー ープ 貼 付く可能性あ ます
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
*
0.35
±0.05
2.25
±0.1
3.7
±0.1
部 Reel
330
±2
Label
Φ
21 ±
0.8
17.5
±1
13.5
±1
Φ 1.5+0.2
- 0
Cathode Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com