Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXA531 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXA531
Description  500mA 3-Phase Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA531 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXA531 Datasheet HTML 3Page - IXYS Corporation IXA531 Datasheet HTML 4Page - IXYS Corporation IXA531 Datasheet HTML 5Page - IXYS Corporation IXA531 Datasheet HTML 6Page - IXYS Corporation IXA531 Datasheet HTML 7Page - IXYS Corporation IXA531 Datasheet HTML 8Page - IXYS Corporation IXA531 Datasheet HTML 9Page - IXYS Corporation IXA531 Datasheet HTML 10Page - IXYS Corporation IXA531 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
IXA531
0.276±0.002 [7.00±0.05]
0.039±0.002 [1.00±0.05]
0.030±0.001 [0.75±0.03]
0.009±0.001 [0.23±0.03]
0.015±0.001 [0.38±0.03]
0.020 [0.50]
Fig. 10. Pin Diagram for the IXA531S10 48-Lead MLP Quad Package
Fig. 11. Pin Diagram for the IXA531L4 44-Lead PLCC package
NC
39
7
NC
21
RST
17
19
18
20
FLT
14
ITRP
EN
NC
16
15
NC
13
12
LIN3
NC
11
10
LIN1
LIN2
9
8
28
22
23
24
26
25
27
29
HS3
IXA531S10
VCH3
HGO3
NC
32
31
30
33
34
NC
NC
HGO2
VCH2
35
36
HS2
38
37
NC
5
6
4
40
32
1
44
42
43
41
IXA531L4
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com