Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXA531 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXA531
Description  500mA 3-Phase Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA531 Datasheet(HTML) 5 Page - IXYS Corporation

  IXA531 Datasheet HTML 1Page - IXYS Corporation IXA531 Datasheet HTML 2Page - IXYS Corporation IXA531 Datasheet HTML 3Page - IXYS Corporation IXA531 Datasheet HTML 4Page - IXYS Corporation IXA531 Datasheet HTML 5Page - IXYS Corporation IXA531 Datasheet HTML 6Page - IXYS Corporation IXA531 Datasheet HTML 7Page - IXYS Corporation IXA531 Datasheet HTML 8Page - IXYS Corporation IXA531 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
IXA531
Static Electrical Characteristics
V
BIAS (VCL, VCH1,2,3) = 15V unless otherwise specified. The VIN, VTH and IIN parameters are referenced to DG and are
applicable to all six channels . The V
O and IO parameters are referenced to LS and VHS1,2,3
and are applicable to the
respective output leads: H
GO1,2,3
and L
GO1,2,3.
Symbol
Definition
Min.
Typ. Max. Units
Test Conditions
VINL
Logic “0” input voltage HIN1,2,3; LIN1,2,3
0.8
V
VINH
Logic “1” input voltage HIN1,2,3; LIN1,2,3
3.0
V
VEN,TH+
EN positve going threshold
3.0
V
VEN,TH -
EN negative going threshold
0.8
V
VITRP, TH+
ITRP positve going threshold
0.37
0.46 0.55 V
VITRP, HYS
ITRP input hysteresis
.07
V
VRST,TH+
RST positive going threshold
8
V
VRST, HYS
RST input hysteresis
3
V
VOH1,2,3
High level output voltage, VCH - VHGO or VCL- VLGO
0.9
1.4
V
I0=20mA
VOL1,2,3
Low level output voltage, VHGO or VLGO
0.4
0.6
V
I0=20mA
VCLUV+
VCL supply under-voltage positive going threshold
10.6
11.1 11.6 V
VCHUV+
VCH supply under-voltage positive going threshold
10.6
11.1 11.6 V
VCLUV-
VCL supply under-voltage negaitive going threshold
10.4
10.9 11.4 V
VCHUV-
VCH supply under-voltage negaitive going threshold
10.4
10.9 11.4 V
VCLUVH
VCL supply under-voltage lockout hysteresis
0.2
V
VCHUVH
VCH supply under-voltage lockout hysteresis
0.2
V
ILK
Offset supply leakage current
50
μAVCH1,2,3=
VHS1,2,3=600 V
IQVCH
Quiescent VCH supply current
70
120
μAVIN=0V or 5V
IQVCL
Quiescent VCL supply current
1.6
2.3
mA
VIN=0V or 5V
VIN
Input clamp voltage (HIN,LIN,ITRP,EN)
4.9
V
IIN = 100μA
ILIN+orIIN+
Logic “1“ Input bias current for LIN1,2,3
200
300
μAVLIN = 5V
ILIN-orIIN-
Logic “0“ Input bias current for LIN1,2,3
100
220
μAVLIN = 0V
IHIN+orIIN+
Logic “1“ Input bias current for HIN1,2,3
200
300
μAVHIN = 5V
IHIN-orIIN-
Logic “0“ Input bias current for HIN1,2,3
100
220
μAVHIN = 0V
IITRP+
“high” ITRP input bias current
30
100
μAVITRP = 5V
IITRP-
“low” ITRP input bias current
0
1
μAVITRP = 0V
IEN+
“high” ENABLE input bias current
30
100
μAVEN = 5V
IEN-
“low” ENABLE input bias current
0
1
μAVEN = 0V
IRST
RST input bias current
0
1
μAVRST = 0Vor 15V
IGO+
Output high short circuit pulsed current
600
mA
V0=0V,PW <10 μs
IGO-
Output low short circuit pulsed current
600
mA
V0=15V,PW<10μs
RON, RST
RST low on resistance
50
100
Ω
RON,FLT
FLT low on resistance
50
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com