Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P1 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXD611P1
Description  600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P1 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXD611P1 Datasheet HTML 6Page - IXYS Corporation IXD611P1 Datasheet HTML 7Page - IXYS Corporation IXD611P1 Datasheet HTML 8Page - IXYS Corporation IXD611P1 Datasheet HTML 9Page - IXYS Corporation IXD611P1 Datasheet HTML 10Page - IXYS Corporation IXD611P1 Datasheet HTML 11Page - IXYS Corporation IXD611P1 Datasheet HTML 12Page - IXYS Corporation IXD611P1 Datasheet HTML 13Page - IXYS Corporation IXD611P1 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
IXD611
IXYS reserves the right to change limits, test conditions, and dimensions.
Quiescent Supply Current vs. Supply Voltage
VIN = "0"
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Low side
High side
Input Threshold Level vs. Temperature
VSUPPLY = 15V
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
0
50
100
150
Temperature (C)
Neg. going input
Pos. going input
Quiescent Current vs. Temperature
VIN = "0" VSUPPLY = 15V Both Drivers Combined
0.48
0.49
0.5
0.51
0.52
0.53
0.54
0.55
0.56
0.57
-50
0
50
100
150
Temperature (C)
LIN / HIN Bias Current vs. Temperature
VSUPPLY = 15V
0
2
4
6
8
10
12
14
16
-50
0
50
100
150
Temperature (C)
VIN = 5V
VIN = 15V
Input Threshold Level vs. Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Positve going
Negative going
LIN / HIN Bias Current vs. Supply Voltage
VIN = Supply Voltage
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Logic "1" either input pin
Logic "0" 2uA
max.
Fig. 17
Fig. 18
Fig.19
Fig. 20
Fig.21
Fig.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com