Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P1 Datasheet(PDF) 14 Page - IXYS Corporation

Part # IXD611P1
Description  600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P1 Datasheet(HTML) 14 Page - IXYS Corporation

Back Button IXD611P1 Datasheet HTML 6Page - IXYS Corporation IXD611P1 Datasheet HTML 7Page - IXYS Corporation IXD611P1 Datasheet HTML 8Page - IXYS Corporation IXD611P1 Datasheet HTML 9Page - IXYS Corporation IXD611P1 Datasheet HTML 10Page - IXYS Corporation IXD611P1 Datasheet HTML 11Page - IXYS Corporation IXD611P1 Datasheet HTML 12Page - IXYS Corporation IXD611P1 Datasheet HTML 13Page - IXYS Corporation IXD611P1 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
IXD611
IXYS reserves the right to change limits, test conditions, and dimensions.
IXD611P7 Package
IXYS Corporation
3540 Bassett St; Santa Clara, CA 95054
Tel: 408-982-0700; Fax: 408-496-0670
e-mail: sales@ixys.net
www.ixys.com
IXYS Semiconductor GmbH
Edisonstrasse15 ; D-68623; Lampertheim
Tel: +49-6206-503-0; Fax: +49-6206-503627
e-mail: marcom@ixys.de
IXD611S1 Package
IXD611P1 Package
IXD611S7 Package
12 11 10
9
8
7
6
5
4
3
2
1
8
1.27
0.50
6.20
BSC
4.00
8.75
0.25
0.51
0.25
1.75
0
0.40
0.25
5.80
1.27
3.80
8.55
0.19
0.33
0.10
1.35
8
.050
.020
.244
BSC
.157
.344
.010
.020
.010
.069
0
.016
.010
.228
.050
.150
.337
.008
.013
.004
.053
A1
A
MAX
MIN
MAX
MIN
MILLIMETERS
INCHES
SYM
NOTE: This drawing will meet all dimensions requirement of JEDEC MS-012 AB.
14 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com