Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07336 Datasheet(PDF) 5 Page - Golledge Electronics Ltd

Part # MA07336
Description  SAW Filter 940.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07336 Datasheet(HTML) 5 Page - Golledge Electronics Ltd

  MA07336 Datasheet HTML 1Page - Golledge Electronics Ltd MA07336 Datasheet HTML 2Page - Golledge Electronics Ltd MA07336 Datasheet HTML 3Page - Golledge Electronics Ltd MA07336 Datasheet HTML 4Page - Golledge Electronics Ltd MA07336 Datasheet HTML 5Page - Golledge Electronics Ltd MA07336 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset,TA19 9DX, UK
SAW Filter 940.50MHz
Model: TA0434A
Part No: MA07336
REV. NO.: 1
TA0434A v1
5
1
2
3
4
5
6
7
8
9
10
11
900.5
908.5
916.5
924.5
932.5
940.5
948.5
956.5
964.5
972.5
980.5
Freq.(MHz)
1
2
3
4
5
6
7
8
9
10
11
900.5
908.5
916.5
924.5
932.5
940.5
948.5
956.5
964.5
972.5
980.5
Freq.(MHz)
VSWR (25°C)
Unbalance Input
Balance Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com