Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07336 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07336
Description  SAW Filter 940.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07336 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07336 Datasheet HTML 1Page - Golledge Electronics Ltd MA07336 Datasheet HTML 2Page - Golledge Electronics Ltd MA07336 Datasheet HTML 3Page - Golledge Electronics Ltd MA07336 Datasheet HTML 4Page - Golledge Electronics Ltd MA07336 Datasheet HTML 5Page - Golledge Electronics Ltd MA07336 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset,TA19 9DX, UK
SAW Filter 940.50MHz
Model: TA0434A
Part No: MA07336
REV. NO.: 1
TA0434A v1
1
A. MAXIMUM RATING:
1.Operating Temperature: -10
°C ~ +75°C
2.Storage Temperature: -40
°C ~ +85°C
B. ELECTRICAL CHARACTERISTICS :
Singled to Balanced operation
Terminating source impedance :
Zs = 50
Ω
Terminating load impedance :
ZL = 150
Ω // 50 nH
Value
Item
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
940.5
-
-
Insertion loss( 921~960 MHz) I.L.
(dB)
-
2.7
4.3
-
Ripple
( 921~960 MHz)
(dB)
-
1.0
2.4
-
Input VSWR
( 921~960 MHz)
-
1.8
2.5
-
Output VSWR
( 921~960 MHz)
-
1.8
2.5
Attenuation:( Reference level from 0 dB)
0 ~ 880
MHz
(dB)
50
55
-
-
880 ~ 900
MHz
(dB)
28
44
-
-
900 ~ 910
MHz
(
dB)
16
35
-
-
980 ~ 1000
MHz
(
dB)
20
29
-
-
1000 ~ 1050 MHz
(
dB)
28
34
-
-
1050 ~ 3000 MHz
(
dB)
50
59
-
-
3000 ~ 4500 MHz
(
dB)
40
48
-
-
4500 ~ 5700 MHz
(
dB)
30
42
-
-
Symmetry in band (referenced to the matched operating condition)
Output amplitude balance (|S31/S21|)
( 921~960 MHz)
(
dB)
-1.8
0
1.8
-
Output phase balance (
Φ(S
31) -
Φ(S
21)+180°)
( 921~960 MHz)
degree
-12
0
12
-


Similar Part No. - MA07336

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07308 GOLLEDGE-MA07308 Datasheet
88Kb / 3P
SAW Filter 60.0MHz
MA07326 GOLLEDGE-MA07326 Datasheet
68Kb / 5P
SAW Filter 1086.0MHz
MA07340 GOLLEDGE-MA07340 Datasheet
66Kb / 5P
SAW Filter 1330.0MHz
MA07350 GOLLEDGE-MA07350 Datasheet
166Kb / 5P
SAW Filter 810.0MHz
MA07352 GOLLEDGE-MA07352 Datasheet
167Kb / 6P
SAW Filter 1950.0MHz
More results

Similar Description - MA07336

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP02488 GOLLEDGE-MP02488 Datasheet
311Kb / 6P
SAW Filter 940.50MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com