Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4413 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology LTC4413 Datasheet HTML 11Page - Linear Technology LTC4413 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC4413
4413f
APPLICATIO S I FOR ATIO
If the AUX is present when a wall adapter is applied, as the
resistive divider to ENBB rises through the turn-off thresh-
old, the STAT pin will fall and MP1 will conduct allowing the
wall adapter to power the load. When the wall adapter is
removed while the AUX supply is present, the load voltage
will fall until the voltage divider at the ENBB pin falls through
its turn-on threshold. Once this occurs, the LTC4413 will
automatically connect the AUX supply to the load when the
AUX voltage exceeds the output voltage, causing the STAT
voltage to rise and disabling the external PFET.
When an AUX supply is attached, the voltage divider at
ENBA will disconnect the battery from the load, and the
auxiliary supply will provide load current, unless a wall
adapter is present as described earlier. If the auxiliary
supply is removed, the battery may again power the load,
depending on if a wall adapter is present.
Multiple Battery Charging
Figure 6 illustrates an application circuit for automatic dual
battery charging from a single charger. Whichever battery
has the lower voltage will receive the larger charging
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 6
LTC4413
IDEAL
ENBA
2
4
3,11
1
5
10
9
6
ENBB
STAT
GND
INA
OUTA
470k
4413 F06
LOAD1
STAT IS HIGH
WHEN BAT1
IS CHARGING
BAT1
BATTERY
CHARGER
INPUT
IDEAL
INB
OUTB
LOAD2
BAT2
current until both battery voltages are equal, then both will
be charged. While both batteries are charging simulta-
neously, the higher capacity battery will get proportionally
higher current from the charger. For Li-Ion batteries, both
batteries will achieve the float voltage minus the forward
regulation voltage of 20mV. This concept can apply to
more than two batteries. The STAT pin provides informa-
tion as to when battery 1 is being charged. For intelligent
control, the ENBA/ENBB pin inputs can be used with a
microcontroller as shown in Figure 4.
Automatic Switchover from a Battery to a Wall
Adapter and Charger
Figure 7 illustrates the LTC4413 performing the function
of automatically switching a load over from a battery to a
wall adapter while controlling an LTC4059 battery charger.
When no wall adapter is present, the LTC4413 connects
the load at OUTA from the Li-Ion battery at INA. In this
condition, the STAT voltage will be high, thereby disabling
the battery charger. If a wall adapter of a higher voltage
than the battery is connected to INB, the load voltage will
rise as the second ideal diode conducts. As soon as the
OUTA voltage exceeds INA voltage, the BAT will be discon-
nected from the load and the STAT voltage will fall, turning
on the LTC4059 battery charger and beginning a charge
cycle. If the wall adapter is removed, the voltage at INB will
collapse until it is below the load voltage. When this oc-
curs, the LTC4413 will automatically reconnect the battery
to the load and the STAT voltage will rise, disabling the
LTC4059 battery charger. One major benefit of this circuit
is that when a wall adapter is present, the user may remove
the battery and replace it without disrupting the load.
Figure 7
LTC4413
IDEAL
ENBA
2
4
3,11
1
5
10
9
6
ENBB
STAT
GND
INA
OUTA
R1
560k
4413 F07
R2
100k
1-CELL
Li-Ion
IDEAL
INB
OUTB
TO LOAD
C2
4.7µF
C1
10µF
C1: C0805C106K8PAC
C2: C1206C475K8PAC
VCC
ENB
Li CC
LTC4059
PROG
WALL
ADAPTER
BAT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com