Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9928EO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP9928EO
Description  POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AP9928EO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP9928EO Datasheet HTML 1Page - List of Unclassifed Manufacturers AP9928EO Datasheet HTML 2Page - List of Unclassifed Manufacturers AP9928EO Datasheet HTML 3Page - List of Unclassifed Manufacturers AP9928EO Datasheet HTML 4Page - List of Unclassifed Manufacturers AP9928EO Datasheet HTML 5Page - List of Unclassifed Manufacturers AP9928EO Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼
▼
▼
▼ Low on-resistance
BVDSS
20V
▼
▼
▼
▼ Capable of 2.5V gate drive
RDS(ON)
23mΩ
▼
▼
▼
▼ Optimal DC/DC battery application
ID
5A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
125
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
1
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.008
Drain Current
3, V
GS @ 4.5V
3.5
Pulsed Drain Current
1
25
Gate-Source Voltage
±12
Drain Current
3, V
GS @ 4.5V
5
Parameter
Rating
Drain-Source Voltage
20
200206031
AP9928EO
S1
G1
D1
S2
G2
D2
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
D2
S2
S2
G2
D1
S1
S1
G1
TSSOP-8


Similar Part No. - AP9928EO

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP9928A APME-AP9928A Datasheet
1Mb / 7P
20V NN-Channel Enhancement Mode MOSFET
AP9928B APME-AP9928B Datasheet
709Kb / 7P
20V NN-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP9928GEM A-POWER-AP9928GEM Datasheet
76Kb / 4P
Capable of 2.5V gate drive, Surface mount package
AP9928GEO A-POWER-AP9928GEO Datasheet
71Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9928GEO A-POWER-AP9928GEO_14 Datasheet
74Kb / 4P
Optimal DC/DC battery application
More results

Similar Description - AP9928EO

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com