Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXRFD630 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXRFD630
Description  30 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD630 Datasheet(HTML) 1 Page - IXYS Corporation

  IXRFD630 Datasheet HTML 1Page - IXYS Corporation IXRFD630 Datasheet HTML 2Page - IXYS Corporation IXRFD630 Datasheet HTML 3Page - IXYS Corporation IXRFD630 Datasheet HTML 4Page - IXYS Corporation IXRFD630 Datasheet HTML 5Page - IXYS Corporation IXRFD630 Datasheet HTML 6Page - IXYS Corporation IXRFD630 Datasheet HTML 7Page - IXYS Corporation IXRFD630 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
30 A Low-Side RF MOSFET Driver
IXRFD630
1
Features
•High Peak Output Current
•Low Output Impedance
•Low Quiescent Supply Current
•Low Propagation Delay
•High Capacitive Load Drive Capability
•Wide Operating Voltage Range
Applications
•RF MOSFET Driver
•Class D and E RF Generators
•Multi-MHz Switch Mode Supplies
•Pulse Transformer Driver
•Pulse Laser Diode Driver
•Pulse Generator
Description
The IXRFD630 is a CMOS high-
speed, high-current gate driver
specifically designed to drive
MOSFETs in Class D and E HF
RF applications as well as other
applications requiring ultrafast
rise and fall times or short mini-
mum pulse widths. The IXRFD630 can source and
sink 30 A of peak current while producing voltage rise
and fall times of less than 4 ns and minimum pulse
widths of 8 ns. The input of the driver is compatible
with TTL or CMOS and is fully immune to latch up over
the entire operating range. Designed with small inter-
nal delays, cross conduction or current shoot-through
is virtually eliminated. The features and wide safety
margin in operating voltage and power make the
IXRFD630 unmatched in performance and value.
The surface mount IXRFD630 is packaged in a low-
inductance RF package incorporating advanced layout
techniques to minimize stray lead inductances for opti-
mum switching performance.
Fig. 1- Block Diagram and Truth Table
IN
OUT
0
0
1
1


Similar Part No. - IXRFD630

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
803Kb / 7P
IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
More results

Similar Description - IXRFD630

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
logo
STMicroelectronics
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
IXYS Corporation
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXRFD615 IXYS-IXRFD615 Datasheet
1Mb / 8P
15 A Low-Side RF MOSFET Driver
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
15 A Dual Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFDSM607X2 IXYS-IXRFDSM607X2 Datasheet
1Mb / 10P
15 A Low-Side RF MOSFET Driver
logo
STMicroelectronics
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com