Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXRFD630 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXRFD630
Description  30 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD630 Datasheet(HTML) 8 Page - IXYS Corporation

  IXRFD630 Datasheet HTML 1Page - IXYS Corporation IXRFD630 Datasheet HTML 2Page - IXYS Corporation IXRFD630 Datasheet HTML 3Page - IXYS Corporation IXRFD630 Datasheet HTML 4Page - IXYS Corporation IXRFD630 Datasheet HTML 5Page - IXYS Corporation IXRFD630 Datasheet HTML 6Page - IXYS Corporation IXRFD630 Datasheet HTML 7Page - IXYS Corporation IXRFD630 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
30 A Low-Side RF MOSFET Driver
IXRFD630
8
Applications Information
Introduction
Circuits capable of very high switching speeds and
high frequency operation require close attention to sev-
eral important issues. Key elements include circuit loop
inductance, Vcc bypassing, and grounding.
Circuit Loop Inductance
The Vcc to Vcc Ground current path defines the loop
that generates the inductive term. This loop must
be kept as short as possible. The output lead must be
no further than 0.375 inches (9.5 mm) from the gate of
the MOSFET. Furthermore, the output ground leads
must provide a balanced symmetric coplanar ground
return for optimum operation.
Vcc Bypassing
In order to turn a MOSFET on properly, the IXRFD630
must be able to draw up to 30 A of current from the Vcc
power supply in 2-6 ns (depending upon the input ca-
pacitance of the MOSFET being driven). Good per-
formance requires very low impedance between the
driver and the power supply. The most common
method of achieving this low impedance is to bypass
the power supply at the driver with a capacitance value
much larger than the load capacitance. Usually, this is
achieved by placing two or three different types of by-
passing capacitors, with complementary impedance
curves, very close to the driver itself. (These capacitors
should be carefully selected for low inductance, low
resistance, and high pulse current service.) Care
should be taken to keep the lengths of the leads be-
tween these bypass capacitors and the IXRFD630 to
an absolute minimum.
The bypassing should be comprised of several values
of MLC (Multi-Layer Ceramic) capacitors symmetrically
placed on either side of the IC. Recommended values
are 0.01uF and 0.47uF for bypass and at least two
4.7uF tantalums for bulk storage.
Grounding
In order for the design to turn the load off properly, the
IXRFD630 must be able to drain 30 A of current into
an adequate grounding system. There are two paths
for returning current that need to be considered: Path
one is between the IXRFD630 and its load, and path
two is between the IXRFD630 and its power supply.
Both of these paths should be as low in resistance and
inductance as possible, and thus as short as practical.
Output Lead Inductance
Of equal importance to supply bypassing and
grounding are issues related to the output lead
inductance. Every effort should be made to keep
the leads between the driver and its load as short
and wide as possible, and treated as coplanar
transmission lines. In configurations where the
optimum configuration of circuit layout and by-
passing cannot be used, a series resistance of a
few ohms in the gate lead may be necessary to
dampen ringing.
Heat Sinking
For high power operation, the bottom side metal-
ized substrate should be placed in compression
against an appropriate heat sink. The substrate
is metalized for improved heat dissipation, and is
not electrically connected to the device or to
ground. See the technical note “DE-Series MOS-
FET and IC Mounting Instructions” on the IXYS
Colorado website at www.ixyscolorado.com for
detailed mounting instructions.
An
IXYS Company
1609 Oakridge Dr., Suite 100
Fort Collins, CO USA 80525
970-493-1901 Fax: 970-232-3025
Email: sales@ixyscolorado.com
Web: http://www.ixyscolorado.com
© 2013



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com